Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 234 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 234 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 230Page - Microsemi Corporation VSC7440 Datasheet HTML 231Page - Microsemi Corporation VSC7440 Datasheet HTML 232Page - Microsemi Corporation VSC7440 Datasheet HTML 233Page - Microsemi Corporation VSC7440 Datasheet HTML 234Page - Microsemi Corporation VSC7440 Datasheet HTML 235Page - Microsemi Corporation VSC7440 Datasheet HTML 236Page - Microsemi Corporation VSC7440 Datasheet HTML 237Page - Microsemi Corporation VSC7440 Datasheet HTML 238Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
217
3.24.4.3 Weighted Random Early Discard (WRED) Sharing
In this mode, the shared resource accounts close at random. A high consumption gives a high probability
of discarding a frame. This sharing method only operates on the egress memory consumption.
There are three WRED groups, each having a number of ports assigned to it. Each WRED group
contains 24 WRED profiles; one per QoS class and per DP = 1, 2, 3. Each WRED profile defines a
threshold for drop probability 0% and a threshold for drop probability 100%. Frames with DP = 0 value
are considered green and have no WRED profile. Green frames should always be allowed.
Memory consumptions within a WRED group are tracked per QoS class, but across DP levels, however,
green frames affect the drop probability of yellow frames.
The WRED groups with each eight QoS classes are shown in the following illustration. It is also possible
to use fewer groups or different sizes for each QoS classes.
Figure 59 •
WRED Sharing
The following illustration shows an example of the WRED profiles for a QoS class within a WRED group.
Thresholds are shown for DP = 2 only.
Figure 60 •
WRED Profiles
The WRED sharing is operating as an egress algorithm. The following table shows the configuration
setting.
QoS reservation
(QRES::RES_QOS_MODE)
Enable for all.
Table 146 •
WRED Sharing Configuration
Configuration
Setting
Reservation thresholds
These can be set to any desired value, except for ingress per port reservation. The
algorithm requires these to be zeroed.
Table 145 •
Per Priority Sharing Configuration Settings (continued)
Configuration
Setting
DP = 0 limit
WRED Group 0
WRED Group 1
WRED Group 2
Share
d res
ource
WRED group
consumption for
QoS class
Drop probability
DP=
1
DP
=3
100%
W
M_
RE
D_
HI
GH
W
M_
RE
D_
LO
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com