Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 238 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 238 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 234Page - Microsemi Corporation VSC7440 Datasheet HTML 235Page - Microsemi Corporation VSC7440 Datasheet HTML 236Page - Microsemi Corporation VSC7440 Datasheet HTML 237Page - Microsemi Corporation VSC7440 Datasheet HTML 238Page - Microsemi Corporation VSC7440 Datasheet HTML 239Page - Microsemi Corporation VSC7440 Datasheet HTML 240Page - Microsemi Corporation VSC7440 Datasheet HTML 241Page - Microsemi Corporation VSC7440 Datasheet HTML 242Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
221
Figure 62 •
Queue Mapping Tables
Mapping is accomplished by the following steps.
1.
Find queuing class (qc_cl)
qc_sel = QMAP_QOS_TBL (qgrp,dport)
qc = (qos, cosid, pcp, tc) (qos_sel)
2.
Find queue. This mapping depends on which of the following hierarchy modes are configured:
Mode 0: Normal mode. This is the default mode on all ports. It is used for arbitrating all frames with
the same queuing class, treating all source ports equally. SE = QMAP_SE_TBL (128 + qc, dport),
inp = source port.
Mode 1: Group mode. This mode is used for having eight queues per queue group in layer 0. Used
in Carrier applications where each service should have its own queues, with a traffic profile per
queuing class.
SE = QMAP_SE_TBL (qgrp,dstp), inp = qc.
The following illustration shows the group scheduling mode.
Input number
qc
SE number
Map Mode
src port
QoS Table
(qgrp, dport)
qgrp
qc_sel
QoS
TC
PCP
COSID
SE Table
Ingress
Service Stat
frm
val 0-7
address
address
oct
cos_sel
cos8_ena
base_addr
oam_cnt_sel
drop_stat_ctrl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com