Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 242 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 242 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 238Page - Microsemi Corporation VSC7440 Datasheet HTML 239Page - Microsemi Corporation VSC7440 Datasheet HTML 240Page - Microsemi Corporation VSC7440 Datasheet HTML 241Page - Microsemi Corporation VSC7440 Datasheet HTML 242Page - Microsemi Corporation VSC7440 Datasheet HTML 243Page - Microsemi Corporation VSC7440 Datasheet HTML 244Page - Microsemi Corporation VSC7440 Datasheet HTML 245Page - Microsemi Corporation VSC7440 Datasheet HTML 246Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
225
3.24.7
Scheduling
All egress queues are combined in a tree structure where the root is connected to an egress port. The
scheduling capabilities consist of the following three aspects.
•
Structure of the hierarchy
•
Bandwidth limitation (shaping)
•
Bandwidth distribution (arbitration between inputs)
3.24.7.1 Hierarchy Structure
The hierarchy consists of three layers: queue, middle, and outer.
•
Layer 0 is the queue level. All inputs to scheduler elements are connected to a specific egress
queue, as described in the previous section. This layer has 416 elements with eight inputs each. A
number of those can be reconfigured to have 16 inputs, in which case they are called “large
elements”. Only elements in multiples of two can become large, so the one following cannot be
used.
•
Layer 1 is the middle layer. There are 64 elements in this layer, all having 32 inputs. These inputs
are connected to outputs of the layer 0 elements, through the HSCH::L0_CFG table.
•
Layer 2 is the output layer. There is one scheduler element per egress port (15 elements). All
elements have 64 inputs connected to outputs from layer 1 elements. Input n on the layer 2 elements
can only be connected to layer 1 element n, configured in HSCH::L1_CFG.
3.24.7.2 Default Hierarchy
The initialization engine in the scheduler builds a default hierarchy for all ports, and no further
configuration of it is needed. It sets all ports into normal mode, using eight large elements on layer 0, and
one element on each of the two other layers. The layer 0 elements are all configured for frame based
round robin selection, and the layer 1 elements for strict selection of highest available input.
Port n uses elements 16n, 16n +2, 16n + 14,... for layer 0. The example in the following illustration is for
port 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com