Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 241 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 241 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 237Page - Microsemi Corporation VSC7440 Datasheet HTML 238Page - Microsemi Corporation VSC7440 Datasheet HTML 239Page - Microsemi Corporation VSC7440 Datasheet HTML 240Page - Microsemi Corporation VSC7440 Datasheet HTML 241Page - Microsemi Corporation VSC7440 Datasheet HTML 242Page - Microsemi Corporation VSC7440 Datasheet HTML 243Page - Microsemi Corporation VSC7440 Datasheet HTML 244Page - Microsemi Corporation VSC7440 Datasheet HTML 245Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
224
Figure 66 •
Queue Limitation Share
The following table provides descriptions of the queue limitation conditions.
The following table lists the queue limitation registers.
Table 151 •
Queue Limitation Conditions
State
Description
Traffic Condition
Queue is active
The queue size exceeds the
watermark in QLIMIT_QUE_ACT
The queue is not idle. When the
filling gets very high, only non-
active queues are allowed further
enqueing.
Queue looks congested
The queue size exceeds the
watermark in QLIMIT_QUE_CONG
The queue seems to be growing.
When the share filling is high, it can
be chosen to discard further data
into the queue.
Queue consumes too much The queue size exceeds DYN_WM,
which is the QLIMIT_SHR_CTOP
watermark divided by the number of
queues looking congested.
The queue seems to be one of the
reasons for the growing memory
consumption, and further additions
to the queue can be avoided.
Table 152 •
Queue Limitation Registers
Register Groups
Description
QLIMIT_QUEUE
Reads current queue size
QLIMIT_PORT
Assigns ports to shares
QLIMIT_SHR
Configures watermarks for share and monitor filling and dynamic
watermarks
QLIMIT_MON
Reads the status for each of the logical shares.
Discard all
QLIMIT_SHR_TOP
QLIMIT_SHR_ATOP
QLIMIT_SHR_CTOP
QLIMIT_SHR_QLIM
No frame discarding
Discard if queue is active
Discard if queue looks congested
Discard if queue consumes
too much



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com