Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 245 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 245 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 241Page - Microsemi Corporation VSC7440 Datasheet HTML 242Page - Microsemi Corporation VSC7440 Datasheet HTML 243Page - Microsemi Corporation VSC7440 Datasheet HTML 244Page - Microsemi Corporation VSC7440 Datasheet HTML 245Page - Microsemi Corporation VSC7440 Datasheet HTML 246Page - Microsemi Corporation VSC7440 Datasheet HTML 247Page - Microsemi Corporation VSC7440 Datasheet HTML 248Page - Microsemi Corporation VSC7440 Datasheet HTML 249Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
228
Configuring costs is done indirectly by setting the HSCH_CFG_CFG.DWRR_IDX first (pointing to the
scheduler element to configure), after which the costs are accessible through the HSCH_DWRR
registers.
The following table lists the registers associated with the arbitration algorithm.
3.24.7.5 Queue Shapers
In addition to the shaping capabilities at the output of each scheduling element, it is also possible to
shape individual queues. These shapers are single leaky bucket based. The devices contain 832 such
shapers that can be assigned to any of the 3,328 queues. The assignment of queue shapers is done
through the HSCH::QSHP_ALLOC_CFG register. This is replicated per scheduling elements in layer 0,
and defines the range of inputs on the element that should have queue shapers assigned, and the index
of the first of the 832 shapers to allocate to it. The shapers must be linked together for the leaking
process in HSCH::QSHP_CONNECT
For example, to configure queue shapers on inputs 5 to 7 on elements 100 to 120, use the queue
shapers from 400 to 462.
For I in 100 to 120 loop
HSCH:QSHP_ALLOC_CFG[I]:QSHP_ALLOC_CFG.QSHP_MIN := 5
HSCH:QSHP_ALLOC_CFG[I]:QSHP_ALLOC_CFG.QSHP_MAX := 7
HSCH:QSHP_ALLOC_CFG[I]:QSHP_ALLOC_CFG.QSHP_BASE := 3*(I-100)+400
HSCH:QSHP_ALLOC_CFG[I]:QSHP_CONNECT.SE_LEAK_LINK := I+1;
Endloop
(terminate chain)
HSCH:QSHP_ALLOC_CFG[120]:QSHP_CONNECT.SE_LEAK_LINK := 120
The leak process operates as for the SE shapers and must be configured in
HSCH:HSCH_LEAK_LISTS[3].
The indexes of shapers allocated to a set of queues are only used in the QSHP_BASE settings. The
shapers are accessed afterwards through the QSHP_CFG and QSHP_STATUS registers, accessed
indirectly after setting HSCH_CFG_CFG.CFG_SE_IDX to the desired scheduling element.
For example, to configure the shaper on input 6 of element 118 to shape to 1.2 Mbps, set
HSCH::HSCH_CFG_CFG.CFG_SE_IDX := 118 and HSCH:QSHP_CFG[6].QSHP_CIR_CFG.CIR_RATE
:= 12 (assuming the leak chain is configured for unit 100 kbps).
3.24.7.6 Miscellaneous Scheduler Features
The following table lists some features that might be useful.
Table 154 •
Scheduler Arbitration Registers Overview
Register
Description
HSCH::SE_CFG
Selects arbitration mode (data/line/frame) and number of inputs running DWRR
HSCH::CFG_CFG
Selects for which element to configure/monitor DWRR algorithm
HSCH::DWRR_ENTRY Configures costs for each input
HSCH::INP_STATE
Returns input states for a scheduler element
Table 155 •
Miscellaneous Scheduler Registers Overview
Field
Description
SE_CONNECT_VLD
Stops the whole scheduler operation. Can be useful when reconfiguring the hierarchy.
LEAK_DIS
Disables leaking process.
FRM_ADJ
Sets the byte difference between line and data rate calculations.
DEQUEUE_DIS
Disables transmissions per port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com