Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 247 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 247 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 243Page - Microsemi Corporation VSC7440 Datasheet HTML 244Page - Microsemi Corporation VSC7440 Datasheet HTML 245Page - Microsemi Corporation VSC7440 Datasheet HTML 246Page - Microsemi Corporation VSC7440 Datasheet HTML 247Page - Microsemi Corporation VSC7440 Datasheet HTML 248Page - Microsemi Corporation VSC7440 Datasheet HTML 249Page - Microsemi Corporation VSC7440 Datasheet HTML 250Page - Microsemi Corporation VSC7440 Datasheet HTML 251Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
230
Frame copies due to learn-all stack synchronization can be truncated to 64 bytes to save bandwidth on
the line. This is enabled in HSCH::PORT_MODE.TRUNC_ENA.
3.24.9.4 Statistics
The queue system counts frame discards and successful transmissions. Each counted event updates a
counter instance, counting octets in a 40-bit counter and frames in a 32-bit counter. A frame is counted
as discarded when none of the frame’s destination ports are reached, excluding mirror and learn-all
copies. If a frame is discarded, a counter instance, per ingress port, per QoS class per color, is updated.
The color granularity here is only green or yellow, mapped from the analyzed DP value through the
QSYS::DP_MAP settings. A frame transmission is a frame leaving the queue system towards the
rewriter. In this direction, a counter instance per egress port, per QoS class per color, is updated. An
abort counter instance per egress port counts frames discarded due to frame aging, queue system
flushing, or abort requests from the rewriter.
There are statistics available per service counter index, which is provided by the analyzer for ingress
service discard statistics and from the rewriter for egress service transmission statistics. The service
counters are available per counter index, per color.
Access to the statistics is indirect. The QSYS::STAT_CFG configuration register must be set to the port
or service counter index to be accessed, and all counters related to this index can afterwards be read in
the QSYS::CNT registers. The following table lists the available port counters and how they are mapped.
Unused addresses return undefined values. In the expressions, yel = 1 for reading yellow counters and
yel = 0 for green. The mapping from classified DP to color is made in the QSYS::DP_MAP register.
The following table shows the addresses of the frame counters. The equivalent octet counters are found
at the frame counter address plus 64 for the 32 least significant bits and at the frame counter address
plus 128 for the eight most significant bits.
The service counters are reduced in size; 10 bits for the frame part and 18 bits for the octet part.
However, STAT_CFG.STAT_SRV_PKT_ONLY can be set to use all 28 bits for frame counting.
The following table lists the registers associated with statistics access.
Examples:
Table 157 •
Statistics Address Mapping
Statistics Index
Event
0 – 15
Frames received on the port viewed. The first eight counters are for green frames, QoS level 0 –
7. The last eight counters are for yellow frames, defined by the QSYS::DP_MAP register.
16 – 31
Frames dropped on the port viewed. Drops will be for the ingress port point of view or egress,
depending on the DROP_COUNT_EGRESS option. There are eight green counters and eight
yellow counters.
32
Tail drops on the port views. Drops made by the buffer control.
256 – 271
Transmitted frames on the port viewed. Same layout as for the receive set.
272
Transmit aborted frames for the port viewed. This can be due to aging, flushing, or abortion
decision by the rewriter.
512 + 513
Green and yellow drops for service counter viewed.
768 – 769
Green and yellow transmissions for service counter viewed.
Table 158 •
Statistics Registers Overview
Register
Description
Replication
QSYS::STAT_CFG Selects which counter set index to access. Clears counters.
None
QSYS::CNT
Replicated register with statistics access.
1,024
QSYS::DP_MAP
Maps DP levels to color.
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com