Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 250 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 250 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 246Page - Microsemi Corporation VSC7440 Datasheet HTML 247Page - Microsemi Corporation VSC7440 Datasheet HTML 248Page - Microsemi Corporation VSC7440 Datasheet HTML 249Page - Microsemi Corporation VSC7440 Datasheet HTML 250Page - Microsemi Corporation VSC7440 Datasheet HTML 251Page - Microsemi Corporation VSC7440 Datasheet HTML 252Page - Microsemi Corporation VSC7440 Datasheet HTML 253Page - Microsemi Corporation VSC7440 Datasheet HTML 254Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
233
•
Delay Triggered Injection (DTI) - A sequence of frames, including configurable delay between
frames, is injected. Delay triggered injection can be combined with TTI, such that DTI is used to
inject a (high) background load (imitating normal user traffic), and TTI is used to inject OAM PDUs
for measuring IR, FLR, FTD, and FDV. AFI supports up to 16 active DTI frame sequences at a time.
3.25.1
Injection Tables
The main tables used to configure frame injection are frame table, DTI table, and TTI table.
Injection frames for both TTI and DTI are configured in the frame table. The frame table itself does not
hold the frame, but rather a pointer to where the frame is located in the buffer memory within QSYS.
For DTI, frames can be configured into a linked list of frames to be injected. Each frame in the linked list
may be configured to be injected multiple times before proceeding with the next frame in the chain. Each
frame in the sequence is followed by one or more delay entries, specifying the delay between injections.
Timers for each TTI frame are configured in the TTI table. TTIs are always single frame injections, so the
inj_cnt and next_ptr fields in the frame table are unused for TTI. Delay entries are not used for TTI.
The TTI calendar controls the frequency with which different parts of the TTI table are serviced.
Figure 70 •
Injection Tables
...
1
Injection Frame Table
inj_cnt
...
3
Second frame. To be injected 3 times.
First frame of OoS injection frame sequence
Fifth and last frame.
next_ptr
DTI Table
5
port_num ena
...
first_frm_ptr
Delay Triggered Injection of
sequence of 5 frames on port 5
...
1
TTI Table
port_num
frm_ptr tick_idx tick_cnt
jitter
9
...
7
...
...
n/a
n/a
...
n/a
n/a
1
Timer configuration
Delay
Delay
Delay
0
TTI Calendar
end_ptr
Delay between the 3 injections of previous frame in
chain.
start_ptr
TTI Ticks
0
1
2
3
4
5
6
7
Base Tick



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com