Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 252 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 252 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 248Page - Microsemi Corporation VSC7440 Datasheet HTML 249Page - Microsemi Corporation VSC7440 Datasheet HTML 250Page - Microsemi Corporation VSC7440 Datasheet HTML 251Page - Microsemi Corporation VSC7440 Datasheet HTML 252Page - Microsemi Corporation VSC7440 Datasheet HTML 253Page - Microsemi Corporation VSC7440 Datasheet HTML 254Page - Microsemi Corporation VSC7440 Datasheet HTML 255Page - Microsemi Corporation VSC7440 Datasheet HTML 256Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
235
Miscellaneous DTI related parameters are shown in the following table.
Frame entries in a DTI sequence may point to the same frame in the queue system’s buffer memory. For
example, shown in the following illustration, frame A and frame B shown may point to the same frame in
the buffer memory.
The delay entries in a DTI sequence must be configured such that they are longer than the transmission
time (given the port speed) of the preceding frame in the sequence.
If a DTI sequence is configured with two consecutive frame entries, then these will be injected with a
minimum delay of approximately 14 clock cycles.
3.25.3.1 Frame-Delay Sequence
A DTI flow typically consists of a sequence of alternating frame/delay entries in the frame table. If a given
frame is to be injected multiple times (FRM_ENTRY_PART0.INJ_CNT>1), then the delay of the following
entry in the sequence is applied after each injection. If additional delay is required after the last injection,
then this can be achieved by an additional delay entry. The use of delay entries is shown in the following
illustration.
Figure 71 •
DTI Frame/Delay Sequence Example
3.25.3.2 Bandwidth Fine Tuning
The combination of INJ_CNT and two following delay entries can be used to fine tune the rate generated
by a DTI flow. This is shown in the following illustration, where a small delay after the four injections of
frame A is used to fine tune the rate of the DTI flow.
Table 163 •
Miscellaneous DTI Parameters
Register
Field
Description
Replication
DTI_CTRL
BW
Bandwidth of DTI flow
0: <5 Gbps
1: >=5 Gbps
Per DTI
DTI_CTRL
ENA
Enables DTI
Per DTI
DTI
Frame A
INJ_CNT=2
Delay
DELAY=150
FIRST_PTR
Frame B
INJ_CNT=2
Delay
DELAY=100
Delay
DELAY=200
Frame C
INJ_CNT=1
Delay
DELAY=125
150
100
100 + 200 = 300
125
Time
Frame A
Frame B
Frame B
Frame C
Frame A
Resulting frame sequence:
150
Frame A
...
Inserted after each
injection of Frame B.
Inserted after last injection of
Frame B.
NEXT_PTR=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com