Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 253 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 253 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 249Page - Microsemi Corporation VSC7440 Datasheet HTML 250Page - Microsemi Corporation VSC7440 Datasheet HTML 251Page - Microsemi Corporation VSC7440 Datasheet HTML 252Page - Microsemi Corporation VSC7440 Datasheet HTML 253Page - Microsemi Corporation VSC7440 Datasheet HTML 254Page - Microsemi Corporation VSC7440 Datasheet HTML 255Page - Microsemi Corporation VSC7440 Datasheet HTML 256Page - Microsemi Corporation VSC7440 Datasheet HTML 257Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
236
Figure 72 •
Fine Tuning Bandwidth of DTI Sequence
By combining the setting of INJ_CNT and the DELAY value of the last delay depicted, the bandwidth of
the DTI sequence can be controlled with high granularity, because the additional (blue) delay will only be
applied for every INJ_CNT injections of frame A.
The bandwidth adjustment mechanism shown may be insufficient for controlling the bandwidth of multi-
frame sequences (sequences with different frames), because the last delay will be applied for every
injection of the frame sequence.
3.25.3.3 Fine Tuning Bandwidth of Multiframe Sequence
For multiframe sequences, additional fine tuning of the bandwidth of the entire sequence can be
achieved by configuring the last delay in the sequence, also known as the “trailing delay”, to only be
applied for every Nth injection of the sequence. This is achieved using the
TRAILING_DELAY_SEQ_CNT parameter and is shown in the following illustration.
Figure 73 •
Fine Tuning Bandwidth of Multiframe DTI Sequence
3.25.3.4 Burst Size Test Using Single DTI
If a NEXT_PTR is set to point back to a previous entry in the sequence, then injection will continue
forever, that is, until the DTI is stopped. This is depicted in the following illustration. The configuration
shown can be used for leaky bucket burst size testing, where the first part of the sequence empties the
bucket, followed by a steady frame flow with the rate of the leaky bucket.
DTI
Frame A
INJ_CNT=4
Delay
DELAY=150
FIRST_PTR
150
3
Time
Frame A
Frame A
Resulting frame sequence:
150
Frame A
...
NEXT_PTR=0
150
Frame A
150
Frame A
Delay
DELAY=3
Fine tune bandwidth
of DTI sequence.
DTI
TRAILING_DELAY_SEQ_CNT = 2
Frame A
Delay
DELAY=150
FIRST_PTR
Frame B
INJ_CNT=2
Delay
DELAY=100
Delay
DELAY=50
Delay
DELAY=1
150
100
100 + 50 = 150
Time
Frame A
Frame B
Frame B
Resulting frame sequence:
...
Inserted after each
injection of Frame B.
Inserted after last injection of
Frame B.
NEXT_PTR=0
Inserted after every
second sequence injection.
150
100
100 + 50 = 150
Frame A
Frame B
Frame B
1
Frame A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com