Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 256 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 256 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 252Page - Microsemi Corporation VSC7440 Datasheet HTML 253Page - Microsemi Corporation VSC7440 Datasheet HTML 254Page - Microsemi Corporation VSC7440 Datasheet HTML 255Page - Microsemi Corporation VSC7440 Datasheet HTML 256Page - Microsemi Corporation VSC7440 Datasheet HTML 257Page - Microsemi Corporation VSC7440 Datasheet HTML 258Page - Microsemi Corporation VSC7440 Datasheet HTML 259Page - Microsemi Corporation VSC7440 Datasheet HTML 260Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
239
The following table lists the registers associated with TTI timer tickers.
The following table lists the registers associated with configuring parameters for each of the 2K entries in
the TTI table.
Table 164 •
TTI Timer Ticks Registers Overview
Register
Field
Description
Replication
TTI_TICK_LEN_0_3
TTI_TICK_LEN_4_7
LEN0 -
LEN7
Length of timer ticks.
The length of each of the eight timer ticks is
specified as multiples of the length of the
preceding timer tick (that is, <tick_idx>-1). Timer 0
is the shortest timer tick, and timer tick 7 is the
longest.
Tick 0 is specified in multiple of TTI_TICK_BASE
(default 52 µs).
Default configuration:
tick_idx
tick_len
Tick_Period
0
1
52 µs
(1 × 52 µs)
1
8
416µs
(8×52 µs)
2
8
3.3 ms
(8 × 416 µs)
3
3
10 ms
(3 × 3.3 ms)
4
10
100 ms
(10 × 10 ms)
5
10
1 second
(10 × 100 ms)
6
10
10 seconds (10 × 1 sec)
7
6
1 minute
(6 × 10 sec)
8
TTI_TICK_BASE
BASE_LEN Length of TTI base tick in system clock cycles.
1
Table 165 •
TTI Parameters (2048 entries)
Register
Field
Description
Replication
TTI_PORT_QU
PORT_NUM
Port number on which injection queue transmits.
Per TTI
TTI_TIMER
TICK_IDX
Which of the eight timer ticks is used by the timer controlling the
injection of this frame.
Per TTI
TTI_TIMER
JITTER_MODE Enables jitter for the number of timer ticks between each
injection of this frame.
0: No jitter.
1: Timer is set to a random value in the range [TIMER_LEN*0.75;
TIMER_LEN].
2: Timer is set to a random value in the range [TIMER_LEN*0.50;
TIMER_LEN].
3: Timer is set to a random value in the range [1;TIMER_LEN].
Per TTI
TTI_TIMER
TIMER_LEN
Number of timer ticks between each injection of this frame.
0: Disables timer.
0xff: Injects frame next time the entry is serviced. After servicing,
hardware sets TIMER_LEN to 0. This is intended to be used
during removal of frame from buffer memory. See Removing
Injection Frames, page 245.
Per TTI
TTI_FRM
FRM_PTR
Points to the frame (in frame table), which the TTI injects.
Per TTI
TTI_TICKS
TICK_CNT
Number of ticks until next injection.
Should be set to a random value in the range 1-TIMER_LEN
before starting TTI.
Per TTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com