Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 258 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 258 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 254Page - Microsemi Corporation VSC7440 Datasheet HTML 255Page - Microsemi Corporation VSC7440 Datasheet HTML 256Page - Microsemi Corporation VSC7440 Datasheet HTML 257Page - Microsemi Corporation VSC7440 Datasheet HTML 258Page - Microsemi Corporation VSC7440 Datasheet HTML 259Page - Microsemi Corporation VSC7440 Datasheet HTML 260Page - Microsemi Corporation VSC7440 Datasheet HTML 261Page - Microsemi Corporation VSC7440 Datasheet HTML 262Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
241
Figure 76 •
TTI Calendar Example
In the example, it takes (256/2) × (1 + 2) × 4 = 1536 clock cycles to service all TTIs in the blue section.
With a clock cycle of 4 ns, the TTIs in the blue section must not use ticks faster than 1536 × 4 = 6144 ns.
Similarly, the 768 TTIs in the red section must not use ticks faster than
(768/1) × (1 + 2) × 4 × 4 ns = ~36.9 µs
3.25.4.2 Other TTI Parameters
Other TTI-related parameters are listed in the following table.
3.25.4.3 TTI Table Update Engine (AFI TUPE)
The AFI Table Update Engine (AFI TUPE) can be used to quickly update a large number of entries in the
TTI Table such as disabling or enabling timers in fail-over scenarios. AFI TUPE related parameters are
listed in the following table. The parameters prefixed with CRIT are used to specify the criteria, which
TTIs fulfill in order for TUPE to apply.
Table 167 •
Miscellaneous TTI Registers Overview
Register
Field
Description
Replication
TTI_CTRL
TTI_ENA
Enables TTI.
Before enabling TTI, TTI_INIT should be used to initialize calendar state.
1
TTI_INJ_CNT TTI_INJ_CNT Number of TTI injections.
Enabled per TTI using TTI_TBL:TTI_MISC_CFG.INJ_CNT_ENA.
1
Table 168 •
AFI TUPE Registers Overview
AFI:TUPE
Register
Field
Description
Replication
TUPE_MISC
TUPE_START
Start TUPE.
1
TUPE_MISC
CRIT_TUPE_CTRL_VAL_ENA Enable use of CRIT_TUPE_CTRL_VAL and
CRIT_TUPE_CTRL_MASK.
1
TUPE_MISC
CRIT_PORT_NUM_ENA
Enable use of CRIT_PORT_NUM_VAL.
1
start=0
end=255
cnt=2
start=256
end=1023
cnt=1
start
end
cnt
start
end
cnt
TTI Table
TTI
Calendar
TTI_CAL_LEN=2
Order of TTI Table entry checks:
0,1,256,2,3,257, .... 254,255,384,0,1,385,...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com