Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 257 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 257 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 253Page - Microsemi Corporation VSC7440 Datasheet HTML 254Page - Microsemi Corporation VSC7440 Datasheet HTML 255Page - Microsemi Corporation VSC7440 Datasheet HTML 256Page - Microsemi Corporation VSC7440 Datasheet HTML 257Page - Microsemi Corporation VSC7440 Datasheet HTML 258Page - Microsemi Corporation VSC7440 Datasheet HTML 259Page - Microsemi Corporation VSC7440 Datasheet HTML 260Page - Microsemi Corporation VSC7440 Datasheet HTML 261Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
240
An entry in the TTI table is checked approximately every two clock cycles. If the TTI’s tick (configured
through TICK_IDX) has changed, then the TICK_CNT is decremented. If it becomes zero, the frame is
injected, and TICK_CNT is set to TIMER_LEN.
3.25.4.1 TTI Calendar
In default configuration, TTI table entries are serviced from 0-2047, then restarted again at entry 0.
When configuring the TTI table, the following must be considered:
•
It takes up to 4 clock cycles, worst-case, to service an entry in the TTI table.
•
A TTI must be serviced more frequently than the frequency of the TTI’s tick (see
TTI_TIMER.TICK_IDX).
This means that looping through the entire TTI table may take 2048 × 4 = 8192 clock cycles. With a clock
period of 4 ns, this corresponds to approximately 66 µs. In other words, no TTI must use a tick faster
than 66 us.
If TTIs faster than 66 µs are required, the TTI calendar can be used to have some entries in the TTI table
serviced more often than others, meaning the TTI table can be split into sections with TTIs using ticks of
different speeds.
The TTI calendar consists of four entries, as described in Table 6
The following illustration shows a configuration for the TTI calendar. In this case, only TTI entry 0-1023
are being used.
TTI_MISC_CFG
INJ_CNT_ENA
Enables counting of injected frames in
TTI_MISC:TTI_INJ_CNT.TTI_INJ_CNT.
Per TTI
Table 166 •
TTI Calendar Registers Overview
Register
Field
Description
Replication
TTI_CAL_SLOT_PTRS SLOT_START_PTR
SLOT_END_PTR
Calendar slot’s frame table start and end pointer.
4
TTI_CAL_SLOT_CNT
SLOT_CNT
Number of TTIs to service in slot before moving to next
TTI calendar slot.
4
TTI_CTRL
TTI_CAL_LEN
Length of TTI calendar.
1
TTI_CTRL
TTI_INIT
When set, initializes calendar to start at calendar slot 0.
Cleared by AFI when done.
1
Table 165 •
TTI Parameters (2048 entries) (continued)
Register
Field
Description
Replication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com