Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 261 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 261 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 257Page - Microsemi Corporation VSC7440 Datasheet HTML 258Page - Microsemi Corporation VSC7440 Datasheet HTML 259Page - Microsemi Corporation VSC7440 Datasheet HTML 260Page - Microsemi Corporation VSC7440 Datasheet HTML 261Page - Microsemi Corporation VSC7440 Datasheet HTML 262Page - Microsemi Corporation VSC7440 Datasheet HTML 263Page - Microsemi Corporation VSC7440 Datasheet HTML 264Page - Microsemi Corporation VSC7440 Datasheet HTML 265Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
244
}
// port_num
if (csr.cmd_port_num_ena) {
tti_tbl_entry.port_num = csr.cmd_port_num_val;
}
// qu_num
if (csr.cmd_qu_num_ena) {
tti_tbl_entry.qu_num = csr.cmd_qu_num_val;
}
// Write back to TTI table
tti_tbl[addr] = tti_tbl_entry;
}
}
3.25.5
Injection Queues
DTI and TTI may inject into any egress queue in the queue system. In injection context, the queues can
be divided into the following categories:
•
Normal queues. These queues are processed by each level of SEs in HSCH. Frames injected into
such queues are thus subject to the M-DWRR and shaping algorithms of the SEs. Frames are
injected into the tail of the selected queue.
•
Port injection queue without shaping. These queues, one for each port, inject frames on the port with
higher priority than normal queues. The state of the DLB shaper is disregarded and is not updated
with the size of the transmitted frame.
Injected frames are injected into the tail of the queue, but due to the high priority, the queue will
normally be (almost) empty.
•
Port injection queue with shaping. These queues, one for each port, inject frames on the port with
higher priority than normal queues. The state of the port shaper is respected and is updated with the
size of the transmitted frame.
Injected frames are injected into the tail of the queue, but due to the high priority, the queue will
normally be (almost) empty.
The queue into which a TTI or DTI injects frames is controlled by the QU_NUM parameter. The actual
value to be used for these parameters depend on the HSCH configuration. For more information, see
Queue Mapping, page 219.
For injections into the ingress data path, frames must be looped through VD1 and QU_NUM must be
configured to select a VD1 queue.
3.25.6
Adding Injection Frame
To add a frame for injection by AFI, the CPU must follow this procedure:
1.
Set AFI::MISC_CTRL.AFI_ENA to 1 before any use of AFI.
2.
Send the frame to AFI. AFI_INJ must be set in the IFH. For more information, see Frame Headers,
page 13.
3.
Poll AFI::NEW_FRM_CTRL.VLD to await the frame being received by AFI.
4.
When the frame has been received by AFI, then copy frame information from AFI::NEW_FRM_INFO
to an unused entry in the Frame table.
5.
Clear AFI::NEW_FRM_CTRL.VLD.
6.
TTI: Set up the TTI table to have the frame injected with the desired interval and to the desired
queue and port. For more information, see Timer Triggered Injection, page 238.
7.
DTI: For injection of a sequence of frames, repeat steps 1 through 4.
Set up the DTI Table to inject the frames. For more information, see Table 162, page 234.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com