Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 264 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 264 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 260Page - Microsemi Corporation VSC7440 Datasheet HTML 261Page - Microsemi Corporation VSC7440 Datasheet HTML 262Page - Microsemi Corporation VSC7440 Datasheet HTML 263Page - Microsemi Corporation VSC7440 Datasheet HTML 264Page - Microsemi Corporation VSC7440 Datasheet HTML 265Page - Microsemi Corporation VSC7440 Datasheet HTML 266Page - Microsemi Corporation VSC7440 Datasheet HTML 267Page - Microsemi Corporation VSC7440 Datasheet HTML 268Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
247
3.26.3
Supported Frame Formats
The rewriter can identify and rewrite both headers and payload of the following frame types.
Ethernet Frames
•
Ethernet link layer DMAC+SMAC
•
Maximum of three VLAN Q-tags (802.1Q, 802.1ad)
•
Payload (IPv4, IPv6, Y.1731 OAM, PTP, and so on)
The analyzer places information in the IFH to help the rewriter with frame identification. The IFH fields,
IFH.DST.ENCAP.W16_POP_CNT and IFH.DST.ENCAP.TYPE_AFTER_POP, are used for this purpose.
3.26.3.1 Maximum Frame Expansion
The rewriter can push 60 bytes into a frame when the IFH is popped and when no other frame pop
operations are done. The frame preamble will occupy 8 of the 60 bytes that can be pushed.
3.26.4
Rewriter Initialization
Rewriter initialization comprises two steps:
•
Set REW::RAM_INIT.RAM_ENA to 1
•
Set REW::RAM_INIT.RAM_INIT to 1
Before the rewriter can be configured, the RAM-based configuration registers must be initialized by
writing a 1 to the above RAM_INIT registers. The RAM_INIT.RAM_INIT register is reset by hardware
when the initialization is complete.
If VCAP_ES0 is enabled, it must be initialized. All of the default port actions in VCAP_ES0 should also be
initialized to ensure proper operation. For more information about initializing VCAP_ES0, see Versatile
Content-Aware Processor (VCAP), page 55.
3.26.5
VCAP_ES0 Lookup
The rewriter performs stage 0 VCAP egress matching (VCAP_ES0) lookups for each frame when
enabled. The following table lists the registers associated with VCAP_ES0 lookup.
VCAP_ES0 lookup is enabled by setting REW::ES0_CTRL.ES0_LU_ENA = 1. Frames destined to the
DEVCPU cannot be rewritten, and there is no VCAP_ES0 lookup for these frames.
All ES0 actions are ignored when VCAP_ES0 is disabled.
There are two ES0 key types: VID and ISDX.
The VID key is always used if:
•
IFH.FWD.ES0_ISDX_KEY_ENA = 0
•
REW::ES0_CTRL.ES0_BY_RLEG = 1 and (IFH.FWD.DST_MODE = L3UC_ROUTING or
IFH.FWD.DST_MODE = L3MC_ROUTING)
•
REW::ES0_CTRL.ES0_BY_RT_FWD = 1 and IFH.DST.ENCAP.RT_FWD = 1.
Table 170 •
ES0 Configuration Registers
Register
Description
Replication
ES0_CTRL.
ES0_LU_ENA
Enables lookup in VCAP_ES0 to control advanced frame modifications.
None
ES0_CTRL.
ES0_BY_RLEG
Enables ES0 router mode lookup when IFH.FWD.DST_MODE indicates
routing.
None
ES0_CTRL.
ES0_BY_RT_FWD
Enables ES0 router mode lookup when IFH.DST.ENCAP.RT_FWD
indicates routing.
None
PORT_CTRL.
ES0_LPORT_NUM
Maps the configuration port to a logical port number to be used by ES0
keys. The port used in the lookup can be Tx-mirrored.
Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com