Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 262 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 262 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 258Page - Microsemi Corporation VSC7440 Datasheet HTML 259Page - Microsemi Corporation VSC7440 Datasheet HTML 260Page - Microsemi Corporation VSC7440 Datasheet HTML 261Page - Microsemi Corporation VSC7440 Datasheet HTML 262Page - Microsemi Corporation VSC7440 Datasheet HTML 263Page - Microsemi Corporation VSC7440 Datasheet HTML 264Page - Microsemi Corporation VSC7440 Datasheet HTML 265Page - Microsemi Corporation VSC7440 Datasheet HTML 266Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
245
Configure other DTI parameters. For more information, see Table 163, page 235.
3.25.7
Starting Injection
TTI is enabled by using TTI_INIT to initialize and then setting TTI_ENA = 1.
Each TTI is started by setting TIMER_LEN a non-zero value.
Each DTI is started by setting DTI_CTRL.ENA = 1.
3.25.8
Stopping Injection
Each TTI is stopped by setting TIMER_LEN to 0.
All TTIs can be stopped by setting TTI_ENA = 0.
Each DTI is stopped by setting DTI_CTRL.ENA = 0.
3.25.9
Removing Injection Frames
This section provides information about removing a single frame (TTI) or frame sequence (DTI) from the
buffer memory.
3.25.9.1 Single Frame (TTI)
To remove a single frame from buffer memory, the frame must be injected one more time. This “removal
injection” does not result in a frame transmission, but purely serves to remove the frame from the buffer
memory.
Use the following procedure to remove a single frame from buffer memory.
1.
Set the FRM_RM bit for frame in the frame table.
2.
For TTI: Set TIMER_LEN to 0x1ff.
3.
Poll the FRM_GONE bit until it gets set by AFI.
When performing removal injection, injection must be enabled for the corresponding port by setting
AFI:PORT_TBL[<port>]:PORT_CFG.FRM_OUT_MAX != 0.
3.25.9.2 Frame Sequence (DTI)
Use the following procedure to remove a DTI frame sequence from buffer memory.
1.
Disable the DTI by setting DTI_CTRL.ENA = 0.
2.
Set the FRM_RM bit for each frame to be removed in the frame table.
3.
Set DTI_FRM.NEXT_FRM_PTR to DTI_FRM.FIRST_FRM_PTR.
4.
Set DTI_MODE.MODE = 0.
5.
Set DTI_CNT.CNT = 1.
6.
Set DTI_MODE.FRM_INJ_CNT to 0.
7.
Optionally, set all delays in sequence to 0 to speed up the removal procedure.
8.
Set DTI_CNT_DOWN.CNT_DOWN to 0.
9.
Enable the DTI by setting DTI_CTRL.ENA = 1.
10. Poll the FRM_GONE for the last frame to be removed until the bit gets set by AFI.
This procedure causes the frames to be injected one last time and through this, be removed from buffer
memory. The frames will not actually be transmitted on the destination port.
When performing removal injection, injection must be enabled for the corresponding port by setting
AFI:PORT_TBL[<port>]:PORT_CFG.FRM_OUT_MAX != 0.
3.25.10 Port Parameters
To ensure that the queue system does not overflow with injected frames, for example, if a port is in flow
control, an upper bound on the number of injected, but not yet transmitted, frames per port can be
configured in FRM_OUT_MAX.
If FRM_OUT_MAX is reached, then any DTI injections are postponed until the number of outstanding
frames falls below FRM_OUT_MAX. TTI injections uses a slightly higher limit of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com