Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 255 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 255 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 251Page - Microsemi Corporation VSC7440 Datasheet HTML 252Page - Microsemi Corporation VSC7440 Datasheet HTML 253Page - Microsemi Corporation VSC7440 Datasheet HTML 254Page - Microsemi Corporation VSC7440 Datasheet HTML 255Page - Microsemi Corporation VSC7440 Datasheet HTML 256Page - Microsemi Corporation VSC7440 Datasheet HTML 257Page - Microsemi Corporation VSC7440 Datasheet HTML 258Page - Microsemi Corporation VSC7440 Datasheet HTML 259Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
238
3.25.3.6 DTI Bandwidth
For 64 bytes frames, AFI can inject up to 10.5 Gbps at 156 MHz clock frequency and up to 3.25 Gbps at
52 MHz clock frequency for a single DTI flow or inject a total bandwidth, across all DTI flows, of up to
26 Gbps at 156 MHz and up to 8 Gbps at 52 MHz.
Higher injection bandwidths can be supported for frame sizes larger than 64 bytes.
Injections into ingress data path must be forwarded through VD1. For 64 bytes frames, the maximum
bandwidth through VD1 is 10.5 Gbps at 156 MHz and up to 3.25 Gbps at 52 MHz.
Note: Depending on port configuration, cell bus bandwidth may impose additional bandwidth limitations.
The bandwidth that a DTI is injecting into a queue must not exceed the bandwidth, that HSCH is
transmitting from the queue, because the port’s FRM_OUT_MAX will then be reached, possibly affecting
other DTIs injecting on the same port. For more information, see Port Parameters, page 245. The only
exception is if there is only one DTI injecting on the port, because there are no other DTIs that could be
affected.
3.25.3.7 DTI Sequence Processing Time
For high bandwidth DTI flows, the time it takes to process the delays and frames in a DTI sequence must
be taken into account:
•
Processing a frame entry with no succeeding delay entry takes 12 clock cycles.
•
Processing a frame entry with a succeeding delay entry takes 12 clock cycles.
•
Processing a delay entry, which does not succeed a frame entry takes 12 clock cycles.
For example, a sequence consisting of a frame entry followed by two delay entries will take 24 clock
cycles to process. If the frame is a 64-byte frame and the clock period is 4 ns, this will corresponds to a
maximum flow bandwidth of approximately 7 Gbps ((64 + 20) × 8 bits/(24 × 4 ns) = 7 Gbps), regardless
of the delay values configured for the two delays.
Although it takes 12 clock cycles to process a delay entry, it is valid to configure a delay entry with a
delay smaller than 12 clock cycles, because this will be compensated for when generating the delay
between later frames in the sequence. For more information, see Figure 73, page 236. For example, the
delay between the rightmost frame B and the succeeding frame A will be 150 + 12 clock cycles (instead
of 150 + 1). To compensate for this, however, the delay between the succeeding two frames A will be
150 – 11 clock cycles.
3.25.4
Timer Triggered Injection
For TTIs, frame injection is controlled by timers. To control the time between injections, configure the
following registers for each TTI:
•
TTI_TIMER.TICK_IDX. For each TTI, one of eight configurable timer ticks shown in the following
table must be chosen.
•
TTI_TIMER.TIMER_LEN. The number of timer ticks that must elapse between each injection.
That is, the period between each injection becomes tick_period × TIMER_LEN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com