Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 254 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 254 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 250Page - Microsemi Corporation VSC7440 Datasheet HTML 251Page - Microsemi Corporation VSC7440 Datasheet HTML 252Page - Microsemi Corporation VSC7440 Datasheet HTML 253Page - Microsemi Corporation VSC7440 Datasheet HTML 254Page - Microsemi Corporation VSC7440 Datasheet HTML 255Page - Microsemi Corporation VSC7440 Datasheet HTML 256Page - Microsemi Corporation VSC7440 Datasheet HTML 257Page - Microsemi Corporation VSC7440 Datasheet HTML 258Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
237
Figure 74 •
DTI Frame/Delay Sequence Using Inject Forever
3.25.3.5 Burst Size Test Using DTI Concatenation
Two (or more) DTIs can be concatenated, such that when one DTI completes, another DTI is activated.
This is depicted in the following illustration. It can be used for leaky bucket burst size testing, where the
first part of the sequence empties the bucket, followed by a steady frame flow with the rate of the leaky
bucket.
Note that when DTI concatenation is used, the last delay entry in the frame-delay sequence of the first
DTI is not awaited before starting the next DTI. That is, the next DTI is started when the first DTI reads an
entry with NEXT_PTR = 0. As shown in the illustration, the delay between the last Frame A and the first
Frame B will not be 150 clock cycles, but instead approximately 12 clock cycles. If this is considered
problematic, it can be addressed by using an additional DTI with a sequence consisting only of two delay
entries. For example, DTI #2 could be inserted between DTI#1, and DTI#3 and DTI#2 could then be
configured with a sequence consisting of two delay entries, with the first having delay = 150.
Figure 75 •
DTI Concatenation
DTI
Frame A
INJ_CNT=2
Delay
DELAY=100
FIRST_PTR
Frame B
INJ_CNT=1
Delay
DELAY=150
150
100
Time
Frame B
Frame B
Frame B
Resulting frame sequence:
150
Frame B
...
Inject forever
(In other words, until DTI is stopped)
100
Delay
DELAY=200
200
NEXT_PTR
Frame A
INJ_CNT=1
Delay
DELAY=100
FIRST_PTR
Frame B
INJ_CNT=1
Delay
DELAY=150
150
Time
Frame B
Frame A
Frame A
Resulting frame sequence:
150
Frame B
...
100
NEXT_PTR=0
DTI #1
MODE=2
CNT=3
DTI_NEXT=3
DTI #3
MODE=0
CNT=10
FIRST_PTR
100
Frame A
Frame B is injected 10 times
NEXT_PTR=0
DTI #3 is enabled
when DTI #1
completes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com