Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 237 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 237 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 233Page - Microsemi Corporation VSC7440 Datasheet HTML 234Page - Microsemi Corporation VSC7440 Datasheet HTML 235Page - Microsemi Corporation VSC7440 Datasheet HTML 236Page - Microsemi Corporation VSC7440 Datasheet HTML 237Page - Microsemi Corporation VSC7440 Datasheet HTML 238Page - Microsemi Corporation VSC7440 Datasheet HTML 239Page - Microsemi Corporation VSC7440 Datasheet HTML 240Page - Microsemi Corporation VSC7440 Datasheet HTML 241Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
220
The illustration also shows the two super-priority queues available in all ports. The scheduler hierarchy
configuration must be based on a desired scheme. The hardware default setup is providing a queue per
(source, priority) per egress port. All queues with the same QoS level are arbitrated first, in layer 0.
Figure 61 •
Scheduler Hierarchy (Normal Scheduling Mode)
3.24.5.1 Mapping System
All queues in the system are referred to as a layer 0 SE number and an input number. For example, the
default configuration puts all traffic for port 0 from source 7 in priority 0 into the queue (0,7); SE number 0,
input 7. When the forwarder requests a frame to be added to a queue, the queue group—all classified
priorities, the source port, and the destination port—are used to find the SE and input on it, through some
configurable mapping tables. There are three basic hierarchy types, and the first part of the mapping
procedure is to find the hierarchy type in QFWD::QMAP_PORT_MODE. The mode is found for frames
with classified qgrp = 0 in the QMAP_MODE_NONSERVICE field and in QMAP_MODE_SERVICE for
qgrp >0. Note that service and non-service mappings can be combined at the higher layers, in order to
combine the two basic types of traffic in the application. An overview of the queue mapping tables is
shown in the following illustration. The drop statistics mode is also found by looking up information in
these tables. For more information, see Statistics, page 230.
src 1, iprio 0
src 14, iprio 0
src 0, iprio 1
src 1, iprio 1
src 14, iprio 1
src 0, iprio 7
src 1, iprio 7
src 14, iprio 7
Scheduler
Element
Super
prio
1
Scheduler
Element
Scheduler
Element
Scheduler
Element
Scheduler
Element
Transmit
Requests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com