Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 240 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 240 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 236Page - Microsemi Corporation VSC7440 Datasheet HTML 237Page - Microsemi Corporation VSC7440 Datasheet HTML 238Page - Microsemi Corporation VSC7440 Datasheet HTML 239Page - Microsemi Corporation VSC7440 Datasheet HTML 240Page - Microsemi Corporation VSC7440 Datasheet HTML 241Page - Microsemi Corporation VSC7440 Datasheet HTML 242Page - Microsemi Corporation VSC7440 Datasheet HTML 243Page - Microsemi Corporation VSC7440 Datasheet HTML 244Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
223
The following table lists the registers associated with assigning queues for each egress port.
3.24.5.2 Service Statistics
As shown in the following illustration, drop statistics configuration is also being looked up in the mapping
flow. The device has 1,024 service counter sets. On the ingress side, the queue system only counts
discarded frames. On the egress side, it counts the amount of frames transmitted. In both cases, there is
a counter for green frames and another counter for yellow frames.
The egress counter set to count is selected through the rewriter. The ingress counter is selected by
looking up drop statistics information when the queuing class is looked up. That returns a base index,
which is multiplied by four, and one of the four classified priority parameters is added. If the set is
configured for using only four counters, the MSB of the priority is cleared. The resulting index will
afterwards be counting drops, with 18 bits of octet counting, and 10 bits of frame counting. Optionally, all
28 bits can be used for frame counting. For more information about drop statistics, see Statistics,
page 230.
3.24.6
Queue Congestion Control
The congestion control system may choose to forward a frame to a specific queue or to discard it. In
either case, the decision passes through a queue limitation function, which can alter the decision based
on another view of the resources.
The following illustration shows the drop decision flow.
Figure 65 •
Drop Decision Flow
The queue limitation function checks the queue size against various configurable and dynamic values
and may change a transmit request to a discard by canceling the request to the scheduler.
The queue limitation system uses queue sizes (in terms of packet memory usage) of all queues. Each
queue is assigned to a share. The share is a configuration parameter for the port, QoS class, and
service/non-service type as set in the QLIMIT_PORT_CFG register. With this configuration granularity, it
also possible to change the queue rights to be shared for the scheduling element to which they are
attached, so that one aggressive queue will make other queues on the same element start discarding
frames. That is done in the QLIMIT_SHR_MODE field. A set of watermarks is afterwards used to control
some queue limitation drop mechanisms, trying to discard data for congested queues without affecting
well-balanced traffic.
The conditions under which a frame is discarded is shown in the following illustration The watermarks
shown are defined per shared account and per color. If yellow traffic is present, it can be discarded fairly
without affecting the green traffic.
Table 150 •
Queue Mapping Registers Overview
Configuration
Description
QMAP_PORT_MODE
Selects queue layer hierarchy type
QMAP_QOS_TBL
Selects per (qgrp,dport) from which queueing QoS it should be derived
QMAP_SE_TBL
Selects per (qgrp,dport) a scheduling element
Frame
Forwarder
Queue
Mapper
Transmit or
discard frame
copy to a
specific port
Transmit or
discard frame
copy to a
specific queue
Transmit frame
copy to a
specific queue
or skip request
Queue
Limitation
Scheduler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com