Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 227 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 227 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 223Page - Microsemi Corporation VSC7440 Datasheet HTML 224Page - Microsemi Corporation VSC7440 Datasheet HTML 225Page - Microsemi Corporation VSC7440 Datasheet HTML 226Page - Microsemi Corporation VSC7440 Datasheet HTML 227Page - Microsemi Corporation VSC7440 Datasheet HTML 228Page - Microsemi Corporation VSC7440 Datasheet HTML 229Page - Microsemi Corporation VSC7440 Datasheet HTML 230Page - Microsemi Corporation VSC7440 Datasheet HTML 231Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
210
modified due to, for instance, routing, MPLS encapsulation, or tagging. The queue system does not
change the original frame data.
An ingress port operates in one of three basic modes: drop mode, port flow control, or priority-based flow
control. The following table lists the modes and flow definitions.
3.24.1
Analyzer Result
The analyzer provides required information for switching frames in the shared queue system. The
following table lists the information provided and a general description of the purpose.
3.24.2
Buffer Control
Frames are stored in a shared packet memory bank, which contains 5,952 words of 176 bytes each. A
memory manager controls which words the packet writer uses to store a frame.
With proper configuration, the packet memory bank always has a free word available for incoming
frames. There are configurable thresholds for triggering pause frame requests on ports enabled for flow
control and for discarding frames due to too large memory use when for instance pause frames are
disobeyed by the link partner.
Table 135 •
Ingress Port Modes
Mode
Flow
Drop mode (DROP)
The link partner is unaware of congestion and all frames received by the port are evaluated
by the congestion control function where copies of the frame can be discarded.
Port flow control (FC)
The link partner is informed through pause frames (full-duplex) or collisions (half-duplex)
that the port cannot accept more data. If the link partner obeys the pause requests, no
incoming data is discarded by the port. If the pause frames are disobeyed by the link
partner, the buffer control function in the queue system discards data before it reaches the
ingress queues.
Priority-based flow
control (PFC)
The link partner is informed about which QoS classes in the queue system are congested
and the link partner should stop scheduling more frames belonging to these QoS classes. If
the pause frames are disobeyed by the link partner, the buffer control function in the queue
system discards data before it reaches the ingress queues.
Table 136 •
Analyzer Result
Group
Field
Function
Destination selection
Destination set
Set of ports to receive a normal switched copy.
Destination selection
CPU queue mask
Set of CPU queues to receive a copy.
Destination selection
Mirror
Requests mirror copy.
Destination selection
Learn all
Requests learn copy to stack ports.
Congestion control
Drop mode
This particular frame can be dropped even if ingress port is setup for
flow control.
Congestion control
DP
Drop precedence level.
Congestion control
Priorities
Ingress resource priority of the frame. Four classified classes are
provided from the analyzer: QoS, PCP, COSID, and TC. All values
between 0 and 7.
Queue mapping
SP
Super priority frame.
Queue mapping
QGRP
Queue group for service-based egress queuing.
Statistics
OAM type
Service counters can be configured to only count certain OAM frame
types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com