Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 224 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 224 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 220Page - Microsemi Corporation VSC7440 Datasheet HTML 221Page - Microsemi Corporation VSC7440 Datasheet HTML 222Page - Microsemi Corporation VSC7440 Datasheet HTML 223Page - Microsemi Corporation VSC7440 Datasheet HTML 224Page - Microsemi Corporation VSC7440 Datasheet HTML 225Page - Microsemi Corporation VSC7440 Datasheet HTML 226Page - Microsemi Corporation VSC7440 Datasheet HTML 227Page - Microsemi Corporation VSC7440 Datasheet HTML 228Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
207
To debug network problems, selected traffic can be mirrored using configurable probes, to a mirror port
where a frame analyzer can be attached to analyze the frame flow.
The device has three independent mirroring probes. Each probe can be configured with a separate set of
filtering conditions that must be fulfilled before traffic is mirrored. If multiple filtering conditions are
enabled for a given probe they must all be fulfilled before mirroring occurs. For example, mirror probe 1
can be set up to only Rx mirror traffic from a given host in a specific VLAN, whereas probe 2 can be set
up to mirror frames matching criteria in VCAP IS2. If a frame is mirrored by more than one mirror probe,
the highest numbered probe is selected. This implies that only one mirror copy is made per frame, even
if multiple probes are active.
The following traffic mirror conditions can be configured per probe:
•
All frames received on a given port, also known as ingress mirroring (enabled in
ANA_AC:MIRROR_PROBE[x].PROBE_CFG.PROBE_DIRECTION(1) = 1 and ports to be RX
mirrored set in ANA_AC:MIRROR_PROBE[x].PROBE_PORT_CFG)
•
All frames transmitted on a given port, also known as egress mirroring (enabled in
ANA_AC:MIRROR_PROBE[x].PROBE_CFG.PROBE_DIRECTION(0) = 1 and ports to be TX
mirrored set in ANA_AC:MIRROR_PROBE[x].PROBE_PORT_CFG)
•
All frames sent to a specific CPU port (may be useful for software debugging) (enabled in
ANA_AC:MIRROR_PROBE[x].PROBE_CFG.PROBE_DIRECTION(0) = 1 and CPU ports to be
mirrored set in ANA_AC:MIRROR_PROBE[x].PROBE_CFG.PROBE_CPU_SET)
•
All frames classified to specific a VID (enabled in ANA_AC:MIRROR_PROBE[x]. PROBE_CFG.
PROBE_VLAN_MODE == 2 and VID set in
ANA_AC:MIRROR_PROBE[x].PROBE_CFG.PROBE_VID)
•
All frames classified to VLANs with VLAN->VLAN_MIRROR_ENA set (enabled in
ANA_AC:MIRROR_PROBE[x].PROBE_CFG.PROBE_VLAN_MODE== 1).
•
All frames received from a known station with MAC->MIRROR set (enabled in
ANA_AC:MIRROR_PROBE[x].PROBE_CFG.PROBE_MAC_MODE(1)= 1).
•
All frames send to a known station with MAC->MIRROR set (enabled in
ANA_AC:MIRROR_PROBE[x].PROBE_CFG. PROBE_MAC_MODE(0) = 1). This can also be
flooded traffic (enabled via ANA_L2::FWD_CFG.FLOOD_MIRROR_ENA).
•
Frames selected through configured VCAP entries (enabled by VCAP IS2 action
MIRROR_PROBE). For such frames, the only other applicable mirror criteria is
PROBE_DIRECTION.
•
All frames received from CPU, also known as CPU ingress mirroring (enabled in
ANA_AC:MIRROR_PROBE[x].PROBE_CFG.PROBE_DIRECTION(1) = 1 and CPU ports to be RX
mirrored set in ANA_AC:MIRROR_PROBE[x].PROBE_RX_CPU_AND_VD).
The mirror port configured per probe (QFWD:SYSTEM:FRAME_COPY_CFG[8-11]) can be any port on
the device, including the CPU.
Rx-mirrored traffic sent to the mirror port is sent as received optionally with an additional Q-tag (enabled
in REW::MIRROR_PROBE_CFG.REMOTE_MIRROR_CFG).
ANA_AC:MIRROR_PROBE:PROBE
_CFG.PROBE_PHYS_RX_PORT
Configures if Rx mirroring mirrors physical or masqueraded port.3
ANA_AC:MIRROR_PROBE:PROBE
_CFG.PROBE_RX_CPU_AND_VD
Configures Rx mirror mask for CPU ports and VD ports.
3
ANA_AC:MIRROR_PROBE:PROBE
_PORT_CFG
Configures mirroring of the ingress ports for
PROBE_DIRECTION = RX_MIRROR and/or the set of egress
ports for PROBE_DIRECTION = TX_MIRROR.
3
ANA_AC:MIRROR_PROBE:PROBE
_PORT_CFG1
See PROBE_PORT_CFG.
3
QFWD:SYSTEM:FRAME_COPY_
CFG[9-11]
Configures forwarding options per probe.
3
Table 133 •
ANA_AC Mirror Registers Overview (continued)
Target::Register.Field
Description
Replication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com