Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 220 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 220 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 216Page - Microsemi Corporation VSC7440 Datasheet HTML 217Page - Microsemi Corporation VSC7440 Datasheet HTML 218Page - Microsemi Corporation VSC7440 Datasheet HTML 219Page - Microsemi Corporation VSC7440 Datasheet HTML 220Page - Microsemi Corporation VSC7440 Datasheet HTML 221Page - Microsemi Corporation VSC7440 Datasheet HTML 222Page - Microsemi Corporation VSC7440 Datasheet HTML 223Page - Microsemi Corporation VSC7440 Datasheet HTML 224Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
203
3.23.3.4 ACL Policer Statistics
The following table lists the applicable ACL policer statistics registers.
The following illustration shows the configuration and status available for each ACL policer statistics
counter.
Figure 49 •
ACL Policer Statistics
Each counter type must be configured whether bytes or frames are counted
(ANA_AC:STAT_GLOBAL_CFG_ACL: STAT_GLOBAL_CFG.CFG_CNT_BYTE).
ACL events that can trigger counting can be selected among the following events. If an ACL policer is
triggered by an IS2 action, with IS_INNER_ACL = 1, it is termed “inner”. Otherwise, it is termed “outer”.
•
Count CPU traffic applicable for outer ACL policer, but not discarded
•
Count front port traffic applicable for outer ACL policer, but not discarded
•
Count CPU traffic discarded by outer ACL policer
•
Count front port traffic discarded by outer ACL policer
•
Count CPU traffic applicable for inner ACL policer, but not discarded
•
Count front port traffic applicable for inner ACL policer, but not discarded
•
Count CPU traffic discarded by inner ACL policer
•
Count front port traffic discarded by inner ACL policer
There is one common event mask for each of the two ACL policer counter types
(ANA_AC:STAT_GLOBAL_CFG_ACL:STAT_GLOBAL_EVENT_MASK).
Each 40-bit counter consists of an MSB part and an LSB part
(ANA_AC:STAT_CNT_CFG_ACL.STAT_MSB_CNT and
ANA_AC:STAT_CNT_CFG_ACL.STAT_LSB_CNT). The MSB part of the counter is latched to a shadow
register when the LSB part is read. As a result, the LSB part must always be read first, and the MSB part
must be read immediately after the LSB part. When writing to the counter, the MSB part must be written
first, followed by the LSB part.
Table 130 •
ACL Policer Statistics Registers Overview
Target::Register.Field
Description
Replication
ANA_AC:STAT_GLOBAL_CFG_ACL:
STAT_GLOBAL_CFG
Configures counting of bytes or frames per ACL
policer index.
2
ANA_AC:STAT_GLOBAL_CFG_ACL:
STAT_GLOBAL_EVENT_MASK
Configures global event mask per ACL policer
index.
2
ANA_AC:STAT_CNT_CFG_ACL.STAT_LSB_
CNT
Least significant 32 bits of counters per ACL
policer index.
per ACL policer
index × 2
ANA_AC:STAT_CNT_CFG_ACL.STAT_MSB_
CNT
Most significant 8 bits of counters per ACL policer
index.
per ACL policer
index × 2
index = VCAP_S2.POLICE_IDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com