Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 219 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 219 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 215Page - Microsemi Corporation VSC7440 Datasheet HTML 216Page - Microsemi Corporation VSC7440 Datasheet HTML 217Page - Microsemi Corporation VSC7440 Datasheet HTML 218Page - Microsemi Corporation VSC7440 Datasheet HTML 219Page - Microsemi Corporation VSC7440 Datasheet HTML 220Page - Microsemi Corporation VSC7440 Datasheet HTML 221Page - Microsemi Corporation VSC7440 Datasheet HTML 222Page - Microsemi Corporation VSC7440 Datasheet HTML 223Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
202
shadow register when the LSB part is read. As a result, the LSB part must always be read first, and the
MSB part must be read immediately after the LSB part. When writing to the counter, the MSB part must
be written first, followed by the LSB part.
3.23.3.3 Broadcast, Unicast, Multicast (BUM) Policer Statistics
The following table lists the applicable BUM policer statistics registers.
The following illustration shows the configuration and status available for each BUM policer.
Figure 48 •
BUM Policer Statistics
Each of the two counters in a counter set can be configured to which frames are counted and if bytes or
frames are counted. This configuration is shared among all counter sets.
The BUM event mask supports counting the following frame types:
•
Broadcast traffic discarded by BUM policer
•
Multicast traffic discarded by BUM policer
•
Unicast traffic discarded by BUM policer
•
Broadcast traffic applicable for BUM policer but not discarded
•
Multicast traffic applicable for BUM policer but not discarded
•
Unicast traffic applicable for BUM policer but not discarded
The event mask is configured in ANA_AC:STAT_GLOBAL_CFG_BUM:STAT_GLOBAL_EVENT_MASK.
Each 40-bit counter consists of an MSB part and an LSB part
(ANA_AC:STAT_CNT_CFG_BUM.STAT_MSB_CNT and ANA_AC:STAT_CNT_CFG_
BUM.STAT_LSB_CNT). The MSB part of the counter is latched to a shadow register when the LSB part
is read. As a result, the LSB part must always be read first, and the MSB part must be read immediately
after the LSB part. When writing to the counter, the MSB part must be written first, followed by the LSB
part.
Table 129 •
BUM Policer Statistics Registers Overview
Target::Register.Field
Description
Replication
ANA_AC:STAT_GLOBAL_CFG_BUM
: STAT_GLOBAL_CFG
Configures counting bytes or frames per BUM policer
index.
2
ANA_AC:STAT_GLOBAL_CFG_BUM
: STAT_GLOBAL_EVENT_MASK
Configures global event mask per BUM policer index.
2
ANA_AC:STAT_CNT_CFG_BUM.ST
AT_LSB_CNT
Least significant 32 bits of counters per BUM policer
index.
per BUM policer
index × 2
ANA_AC:STAT_CNT_CFG_BUM.ST
AT_MSB_CNT
Most significant 8 bits of counters per BUM policer index. per BUM policer
index × 2
index =
ANA_L3:VLAN:BUM_CFG.BUM_SLB_IDX
or
ANA_L2:ISDX:MISC_CFG.BUM_SLB_IDX
Set of six counters per
BUM policer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com