Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 190 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 190 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 186Page - Microsemi Corporation VSC7440 Datasheet HTML 187Page - Microsemi Corporation VSC7440 Datasheet HTML 188Page - Microsemi Corporation VSC7440 Datasheet HTML 189Page - Microsemi Corporation VSC7440 Datasheet HTML 190Page - Microsemi Corporation VSC7440 Datasheet HTML 191Page - Microsemi Corporation VSC7440 Datasheet HTML 192Page - Microsemi Corporation VSC7440 Datasheet HTML 193Page - Microsemi Corporation VSC7440 Datasheet HTML 194Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
173
CPU access to the MAC table is performed by an indirect command-based interface where a number of
fields are configured (in LRN::MAC_TABLE_ACCESS_CFG_*) followed by specifying the command (in
LRN::COMMON_ACCESS_CTRL.CPU_ACCESS_CMD). The access is initiated by a shot bit that is
cleared upon completion of the command
(LRN::COMMON_ACCESS_CTRL.MAC_TABLE_ACCESS_SHOT). It is possible to trigger CPU
interrupt upon completion (ANA_L2:COMMON:INTR.LRN_ACCESS_COMPLETE_INTR).
LRN::MAC_ACCESS_CFG_0
Configures MAC (most significant bits) and FID for MAC table
entries.
1
LRN::MAC_ACCESS_CFG_1
Configures MAC address (Least significant bits) for MAC table
entries and FID.
1
LRN::MAC_ACCESS_CFG_2
Configures the following MAC entry fields:
ADDR
ADDR_TYPE
SRC_KILL_FWD
NXT_LRN_ALL
CPU_COPY
VLAN_IGNORE
AFE_FLAG
AGE_INTERNAL
MIRROR
LOCKED
VLD
1
LRN::EVENT_STICKY
Sticky status for access performed.
1
LRN::SCAN_NEXT_CFG
MAC table scan filter controls.
1
LRN::SCAN_NEXT_CFG_1
MAC table port move handles when performing MAC table SCAN. 1
ANA_L2::SCAN_FID_CTRL
Controls use of additional FIDs when doing scan.
1
ANA_L2::SCAN_FID_CFG
Configures additional VID/FID filters during scan if enabled via
ANA_L2::SCAN_FID_CTRL.
16
LRN::SCAN_LAST_ROW_CFG Configures a last row applicable for scan.1
LRN::SCAN_NEXT_CNT
MAC table status when performing MAC table SCAN.
1
LRN::LATEST_POS_STATUS
Holds the latest CPU accessed MAC table location after a
CPU_ACCESS_CMD has finished.
1
Table 109 •
MAC Table Access Registers (continued)
Target::Register.Field
Description
Replication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com