Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 189 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 189 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 185Page - Microsemi Corporation VSC7440 Datasheet HTML 186Page - Microsemi Corporation VSC7440 Datasheet HTML 187Page - Microsemi Corporation VSC7440 Datasheet HTML 188Page - Microsemi Corporation VSC7440 Datasheet HTML 189Page - Microsemi Corporation VSC7440 Datasheet HTML 190Page - Microsemi Corporation VSC7440 Datasheet HTML 191Page - Microsemi Corporation VSC7440 Datasheet HTML 192Page - Microsemi Corporation VSC7440 Datasheet HTML 193Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
172
3.22.1.2 CAM Row
Under some circumstances, it might be necessary to store more entries than possible on a MAC table
row, in which case entries are continuously changed or automatically updated.
To reduce this issue, one additional MAC table row (named CAM row) exist with entries that can be used
to extend any hash chain, and thereby reduce the probability for hash depletion where all the buckets on
a MAC table row are used. These entries on the CAM row can be used as any other MAC table entries.
CAM row usage is controlled separately (by ANA_L2::LRN_CFG.AUTO_LRN_USE_MAC_CAM_ENA,
ANA_L2::LRN_CFG.CPU_LRN_USE_MAC_CAM_ENA and
ANA_L2::LRN_CFG.LRN_MOVE_CAM_ENTRY_BACK).
3.22.2
MAC Table Updates
Entries in the MAC table are added, deleted, or updated by the following methods.
•
Automatic (hardware-based) learning of source MAC addresses; that is, inserting new (MAC, FID)
pairs in the MAC table
•
CPU access to MAC table (for example, CPU-based learning and table maintenance)
•
Automated age scan.
3.22.3
CPU Access to MAC Table
This section describes CPU access to the MAC table. The following table lists the applicable registers.
ADDR_TYPE
3
This field encodes how to interpret the ADDR field.
Encoded as:
ADDR_TYPE= UPSID_PN(0): Unicast entry address. Used to associate the entry with a
unique {UPSID, UPSPN} port.
ADDR(9:5) = UPSID
ADDR(4:0) = UPSPN
ADDR_TYPE=GCPU_UPS(1): CPU management entry address. Used to associate the
entry with a unique global CPU port or internal port.
ADDR(9:5) = UPSID
ADDR(11) = 0:
ADDR(3:0) = CPU port number.
ADDR(11) = 1:
ADDR(3:0) = 0xe: Internal port number.
ADDR(3:0) = 0xf: Local lookup at destination unit (UPSID).
ADDR_TYPE=GLAG(2): Unicast GLAG address. Used to associate the entry with a global
aggregated port.
ADDR = GLAGID.
ADDR_TYPE=MC_IDX(3): Multicast entry address. Used to associate the entry with an
entry in the PGID table. Specifies forwarding to the ports found in the PGID table entry
indexed by mc_idx.
ADDR = mc_idx.
Table 109 •
MAC Table Access Registers
Target::Register.Field
Description
Replication
LRN::
COMMON_ACCESS_CTRL
Controls CSR access to MAC table.
1
Table 108 •
MAC Table Entry (continued)
Field
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com