Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 187 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 187 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 183Page - Microsemi Corporation VSC7440 Datasheet HTML 184Page - Microsemi Corporation VSC7440 Datasheet HTML 185Page - Microsemi Corporation VSC7440 Datasheet HTML 186Page - Microsemi Corporation VSC7440 Datasheet HTML 187Page - Microsemi Corporation VSC7440 Datasheet HTML 188Page - Microsemi Corporation VSC7440 Datasheet HTML 189Page - Microsemi Corporation VSC7440 Datasheet HTML 190Page - Microsemi Corporation VSC7440 Datasheet HTML 191Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
170
In addition to the PTP header modifications, address swapping and rewriting can also be enabled for
PTP frames. For PTP carried over UDP it can be useful to also swap MAC addresses, swap IP
addresses, change UDP port numbers, and preset the IPv4 TTL or IPv6 hop limit.
3.22
Analyzer Layer 2 Forwarding and Learning
The analyzer Layer 2 (ANA_L2) block performs the following tasks:
•
Determining forwarding decisions
•
Tracking network stations and their MAC addresses through learning and aging
•
Tracking and setting limits for number station learned per FID/ports
•
Scanning and updating the MAC table
The analyzer Layer 2 block makes a forwarding decision based on a destination lookup in the MAC table.
The lookup is based on the received Destination MAC address together with either the classified VID for
multicast traffic or the classified FID for unicast traffic. If an entry is found in the MAC table lookup, the
associated entry address is used for selecting forwarding port or ports. A flood forwarding decision is
made if no entry is found and forwarding to unknown destinations is permitted
(ANA_L3:VLAN:VLAN_CFG.VLAN_SEC_FWD_ENA).
The analyzer Layer 2 block performs a source lookup in the MAC table to determine if the source station
is known or unknown by looking at if there is an entry in the MAC table. If a MAC table entry exists, a port
move detection is performed by looking at whether the frame was received at the expected interface
specified. The source check can trigger the following associated actions.
•
Disabling forwarding from unknown or moved stations
•
Triggering automated learning
•
Sending copy to CPU
If the source station is known, the entry AGE_FLAG is cleared to indicate that source associated with the
entry is active. The AGE_FLAG is part of the aging functionality to remove inactive MAC table entries.
For more information, see Automated Aging (AUTOAGE), page 183.
The following subsections further describe the main analyzer Layer 2 blocks.
3.22.1
Analyzer MAC Table
The analyzer Layer 2 block contains a MAC table with 16,384 entries containing information about
stations learned or known by the device. The table is organized as a hash table with four buckets on each
row. Each row is indexed based on a hash value calculated based on the station’s (FID, MAC) pair.
The filtering ID (FID) used is either the FID from the VLAN table if a unicast MAC is looked up or else it is
the classified VID. It is possible to enforce use of FID for multicast (ANA_L3:COMMON:SERVICE_CFG).
MAC table organization is depicted in the following illustration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com