Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 150 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 150 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 146Page - Microsemi Corporation VSC7440 Datasheet HTML 147Page - Microsemi Corporation VSC7440 Datasheet HTML 148Page - Microsemi Corporation VSC7440 Datasheet HTML 149Page - Microsemi Corporation VSC7440 Datasheet HTML 150Page - Microsemi Corporation VSC7440 Datasheet HTML 151Page - Microsemi Corporation VSC7440 Datasheet HTML 152Page - Microsemi Corporation VSC7440 Datasheet HTML 153Page - Microsemi Corporation VSC7440 Datasheet HTML 154Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
133
The following table lists the actions and the key types for which they are intended to be used.
The following table provides information about the VCAP LPM actions. When programming an action in
VCAP LPM, the associated action fields listed must be programmed in the listed order, with the first field
in the table starting at bit 0 of the action.
Table 88 •
VCAP LPM Action Selection
Action Name
Size
Description and Appropriate VCAP LPM Key Types
ARP_PTR
18
Provides pointer to ARP entry in ARP Table (ANA_L3:ARP).
LPM key types: SGL_IP4, SGL_IP6.
L3MC_PTR
10
Provides pointer to L3MC Table (ANA_L3:L3MC).
LPM key types: DBL_IP4, DBL_IP6.
ARP_ENTRY
62
ARP entry.
LPM key types: SGL_IP4, SGL_IP6.
Table 89 •
VCAP LPM Actions
Field Name
Description and Encoding
Size ARP_PTR L3MC_PTR ARP_ENTRY
Action Type
0: ARP_PTR
1: L3MC_PTR
2: ARP_ENTRY
3: Reserved
2x
x
x
ARP_PTR
Pointer to entry in ARP Table (ANA_L3:ARP)
8
x
ARP_PTR_REMA
P_ENA
If set, ARP_PTR is used to point to an entry in
the ARP Pointer Remap Table
(ANA_L3:ARP_PTR_REMAP).
1x
ECMP_CNT
Number of equal cost, multiple paths routes to
DIP. See Unicast Routing, page 141.
4x
RGID
Route Group ID. Used for SIP RPF check. See
SIP RPF Check, page 147.
3x
L3MC_PTR
Pointer to entry in L3MC Table
(ANA_L3:L3MC)
8x
MAC_MSB
See ANA_L3:ARP:ARP_CFG_0.MAC_MSB.
16
x
MAC_LSB
See ANA_L3:ARP:ARP_CFG_1.MAC_LSB.
32
x
ARP_VMID
See ANA_L3:ARP:ARP_CFG_0.ARP_VMID.
5
x
ZERO_DMAC_CP
U_QU
See
ANA_L3:ARP:ARP_CFG_0.ZERO_DMAC_CP
U_QU.
3
SIP_RPF_ENA
See
ANA_L3:ARP:ARP_CFG_0.SIP_RPF_ENA.
1
SECUR_MATCH_
VMID_ENA
See
ANA_L3:ARP:ARP_CFG_0.SECUR_MATCH_
VMID_ENA.
1
SECUR_MATCH_
MAC_ENA
See
ANA_L3:ARP:ARP_CFG_0.SECUR_MATCH_
MAC_ENA.
1
ARP_ENA
See ANA_L3:ARP:ARP_CFG_0.ARP_ENA.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com