Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 147 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 147 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 143Page - Microsemi Corporation VSC7440 Datasheet HTML 144Page - Microsemi Corporation VSC7440 Datasheet HTML 145Page - Microsemi Corporation VSC7440 Datasheet HTML 146Page - Microsemi Corporation VSC7440 Datasheet HTML 147Page - Microsemi Corporation VSC7440 Datasheet HTML 148Page - Microsemi Corporation VSC7440 Datasheet HTML 149Page - Microsemi Corporation VSC7440 Datasheet HTML 150Page - Microsemi Corporation VSC7440 Datasheet HTML 151Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
130
The following illustration depicts the TUPE functionality.
Figure 28 •
VLAN Table Update Engine (TUPE)
The following pseudo code shows the full algorithm used by TUPE.
for (addr = csr.tupe_start_addr; addr < csr.tupe_end_addr; addr++) {
vlan_entry = vlan_tbl[addr];
if (
(// If enabled, check matching value
!csr.tupe_ctrl_val_ena
||
((vlan_entry.tupe_ctrl & csr.tupe_ctrl_val_mask) == csr.tupe_ctrl_val))
&&
(// If enabled, check if VLAN's tupe_ctrl has any bits overlapping
// with csr.tupe_CTRL_BIT_MASK
!csr.tupe_ctrl_bit_ena
||
((vlan_entry.tupe_ctrl & csr.tupe_ctrl_bit_mask) != 0))
&&
(// If enabled, check if VLAN's vlan_port_mask has any bits overlapping
// with csr.tupe_PORT_MASK_A
!csr.tupe_port_mask_a_ena
||
((vlan_entry.vlan_port_mask & csr.tupe_port_mask_a) != 0))
&&
(// Combined mode
// If enabled, check if VLAN's tupe_ctrl has any bits overlapping
// with TUPE_CTRL_BIT_MASK or VLAN's vlan_port_mask has any bits
// overlapping with TUPE_PORT_MASK_A
// I.e. the bit mask part of TUPE_CTRL is extended with bits from
// vlan_port_maks.
!csr.tupe_comb_mask_ena
||
((vlan_entry.tupe_ctrl & csr.tupe_ctrl_bit_mask) != 0)
||
((vlan_entry.vlan_port_mask & csr.tupe_port_mask_a) != 0))
&&
(// If enabled, check if VLAN's vlan_port_mask has any bits overlapping
// with csr.tupe_PORT_MASK_B
VLAN Table (ANA_L3:VLAN)
Value part
Bit part
TUPE_CTRL
Unused bits
Used bits
(physical ports)
VLAN_PORT_MASK
...
TUPE Algorithm
TUPE
Command
Parameters
(ANA_L3:TUPE)
TUPE_START_ADDR
TUPE_END_ADDR
Possibly new value of
VLAN_PORT_MASK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com