Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 142 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 142 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 138Page - Microsemi Corporation VSC7440 Datasheet HTML 139Page - Microsemi Corporation VSC7440 Datasheet HTML 140Page - Microsemi Corporation VSC7440 Datasheet HTML 141Page - Microsemi Corporation VSC7440 Datasheet HTML 142Page - Microsemi Corporation VSC7440 Datasheet HTML 143Page - Microsemi Corporation VSC7440 Datasheet HTML 144Page - Microsemi Corporation VSC7440 Datasheet HTML 145Page - Microsemi Corporation VSC7440 Datasheet HTML 146Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
125
The following table shows the configuration parameters (located within the ANA_L3 configuration target)
for each entry in the VLAN table.
The following table shows the configuration parameters for each entry in the MSTP table.
The following table lists common parameters that also affect the VLAN and MSTP processing of frames.
If VLAN support is enabled (in VLAN_CTRL.VLAN_ENA), the classified VID is used to lookup the VLAN
information in the VLAN table. The VLAN table in turn provides an address (VLAN_MSTP_PTR) into the
MSTP table. Learn, mirror, and forwarding results are calculated by combining information from the
VLAN and MSTP tables.
Table 78 •
VLAN Table (4224 Entries)
Field in ANA_L3:VLAN
Bits
Description
VMID
5
VMID, identifying VLAN’s router leg.
VLAN_MSTP_PTR
7
Pointer to STP instance associated with VLAN.
VLAN_FID
13
FID to use for learning and forwarding.
VLAN_IGR_FILTER_ENA 1
Enable VLAN ingress filtering.
VLAN_SEC_FWD_ENA
1
Enables secure forwarding on a per VLAN basis.
When secure forwarding is enabled, only frames with known SMAC are forwarded.
VLAN_FLOOD_DIS
1
Disables flooding of frames with unknown DMAC on a per VLAN basis.
VLAN_LRN_DIS
1
Disables learning of SMAC of frames received on this VLAN.
VLAN_RLEG_ENA
1
Enables router leg in VLAN.
VLAN_PRIVATE_ENA
1
Enables/disables this VLAN as a Private VLAN (PVLAN).
VLAN_MIRROR_ENA
1
VLAN mirror enable flag. If this field is set, frames classified to this ingress VLAN
are mirrored.
Note that a mirroring probe must also be configured to enable VLAN based
mirroring. see Mirroring, page 206.
VLAN_PORT_MASK
VLAN_PORT_MASK1
11
Specifies mask of ports belonging to VLAN.
TUPE_CTRL
16
Controls value for Table Update Engine (TUPE).
Table 79 •
MSTP Table (66 Entries)
Field in ANA_L3:MSTP
Bits
Description
MSTP_FWD_MASK
1 per port
Enables/disables forwarding per port
MSTP_LRN_MASK
1 per port
Enables/disables learning per port
Table 80 •
Common VLAN and MSTP Parameters
Register/Field in ANA_L3_COMMON
Bits
Description
VLAN_CTRL.VLAN_ENA
1
Enables/disables VLAN lookup
PORT_FWD_CTRL
1 per port
Configures forwarding state per port
PORT_LRN_CTRL
1 per port
Configures learning state per port
VLAN_FILTER_CTRL
1 per port
Configures VLAN ingress filtering per port
VLAN_ISOLATED_CFG
1 per port
Configures isolated port mask
VLAN_COMMUNITY_CFG
1 per port
Configures community port mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com