Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 138 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 138 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 134Page - Microsemi Corporation VSC7440 Datasheet HTML 135Page - Microsemi Corporation VSC7440 Datasheet HTML 136Page - Microsemi Corporation VSC7440 Datasheet HTML 137Page - Microsemi Corporation VSC7440 Datasheet HTML 138Page - Microsemi Corporation VSC7440 Datasheet HTML 139Page - Microsemi Corporation VSC7440 Datasheet HTML 140Page - Microsemi Corporation VSC7440 Datasheet HTML 141Page - Microsemi Corporation VSC7440 Datasheet HTML 142Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
121
the frame. Another option is to use the current classified DSCP value as input to the key. The current
classified DSCP value is the result from either the previous VCAM_CLM lookup or the basic
classifier if this is the first lookup.
•
Selects source of VID, PCP, and DEI in the VID0, PCP0, and DEI0 key fields
(ANA_CL:PORT:ADV_CL_CFG.USE_CL_TCI0_ENA). By default, the values are taken from the
outer VLAN tag in the frame (or port’s VLAN if frame is untagged). Another option is to use the
current classified values as input to the key. The current classified values are the result from either
the previous VCAM_CLM lookup or the basic classifier if this is the first lookup.
Note that these configurations are only applicable to keys containing the relevant key fields.
VCAP CLM keys NORMAL, NORMAL_7TUPLE, and NORMAL_5TUPLE_IP4 contain the key fields
IGR_PORT_MASK_SEL and IGR_PORT_MASK. For frames received on a front port,
IGR_PORT_MASK_SEL is set to 0 and the bit corresponding to the frame’s physical ingress port number
is set in IGR_PORT_MASK. The following lists some settings for frames received on other interfaces and
how this can be configured through register CLM_MISC_CTRL:
•
Loopback frames:
By default, IGR_PORT_MASK_SEL=1 and IGR_PORT_MASK has one bit set corresponding to the
physical port which the frame was looped on. Optionally use IGR_PORT_MASK_SEL = 3.
•
Masqueraded frames:
By default, IGR_PORT_MASK_SEL=0 and IGR_PORT_MASK has one bit set corresponding to the
masquerade port. Optionally, use IGR_PORT_MASK_SEL = 2.
•
Virtual device frames:
By default, IGR_PORT_MASK_SEL = 0 and IGR_PORT_MASK has one bit set corresponding to
the original physical ingress port. Optionally, use IGR_PORT_MASK_SEL = 3.
•
CPU injected frames:
By default, IGR_PORT_MASK_SEL=0 and IGR_PORT_MASK has none bits set. Optionally use
IGR_PORT_MASK_SEL=3.
For more information about the contents of IGR_PORT_MASK_SEL and IGR_PORT_MASK, see VCAP
CLM Keys and Actions, page 71.
3.16.2.5 VCAP CLM Range Checkers
The following table lists the registers associated with configuring VCAP CLM range checkers.
Eight global VCAP CLM range checkers are supported by the NORMAL, NORMAL_7TUPLE,
NORMAL_5TUPLE_IP4, and PURE_5TUPLE_IP4 keys. All frames using these keys are compared
against the range checkers and a 1-bit range “match/no match” flag is returned for each range checker.
The combined eight match/no match flags are used in the L4_RNG key field. So, it is possible to include
for example ranges of DSCP values and/or ranges of TCP source port numbers in the VCAP rules.
Note: VCAP IS2 also supports range checkers, however, they are independent of the VCAP CLM range
checkers.
The range key is generated for each frame based on extracted frame data and the configuration in
ANA_CL::ADV_RNG_CTRL. Each of the eight range checkers can be configured to one of the following
range types:
•
TCP/UDP destination port range
Input to the range is the frame’s TCP/UDP destination port number.
Range is only applicable to TCP/UDP frames.
•
TCP/UDP source port range
Input to the range is the frame’s TCP/UDP source port number.
Range is only applicable to TCP/UDP frames.
Table 76 •
VCAP CLM Range Checker Configuration Registers Overview
Register
Description
Replication
ANA_CL::ADV_RNG_CTRL
Configures range checker types
Per range checker
ANA_CL::ADV_RNG_VALUE_CFG
Configures range start and end points
Per range checker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com