Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 137 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 137 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 133Page - Microsemi Corporation VSC7440 Datasheet HTML 134Page - Microsemi Corporation VSC7440 Datasheet HTML 135Page - Microsemi Corporation VSC7440 Datasheet HTML 136Page - Microsemi Corporation VSC7440 Datasheet HTML 137Page - Microsemi Corporation VSC7440 Datasheet HTML 138Page - Microsemi Corporation VSC7440 Datasheet HTML 139Page - Microsemi Corporation VSC7440 Datasheet HTML 140Page - Microsemi Corporation VSC7440 Datasheet HTML 141Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
120
if (clm_action.fwd_type == POP_LBL && IsOam(frame_ptr, csr) &&
(clm_key_fields_mpls.rsv_lbl_pos)) {
// Reserved label used to identify OAM
// Move frame_ptr if reserved MPLS label was skipped by
// ClmKeyFieldsMpls() in key generation prior to VCAP CLM lookup
frame_ptr += 4;
}
if (frame_ptr - frame_ptr_current > 66) {
// Cannot skip >66 bytes per VCAP CLM.
// Set sticky bit and don't skip anything
csr.adv_cl_max_w16_offset_fail_sticky = 1;
frame_ptr
= frame_ptr_current;
frame_type = frame_type_current;
}
if (frame_ptr > 126 ) {
// Cannot skip >126 bytes total.
// Set sticky bit and discard frame
csr.adv_cl_nxt_offset_too_big_sticky = 1;
frame.abort
= true;
}
} // UpdateFramePtrAndType
// ----------------------------------------------------------------------
// ANA_CL: VCAP CLM Frame Pointer and Frame Type Update
// ======================================================================
3.16.2.3 Removing Protocol Layers
The analyzer classifier can instruct the rewriter to remove protocol layers from the frame, that is, to
remove a number of bytes from the start of the frame.
This is achieved by setting the NXT_NORMALIZE action field in the VCAP CLM action. When
NXT_NORMALIZE is set in a VCAP CLM action, then the frame pointer for the next VCAP CLM lookup
(if any) is calculated, and the rewriter is then instructed to remove all bytes up to, but not including, the
position pointed to by the frame pointer.
If multiple VCAP CLM actions have the NXT_NORMALIZE bit set, then the last such action controls the
number of bytes removed by the rewriter.
Note that the rewriter can skip a maximum of 42 bytes, starting at the DMAC of the frame. This
corresponds to an Ethernet header with three VLAN tags and an MPLS stack with three LSEs and a
control word (CW).
3.16.2.4 Miscellaneous VCAP CLM Key Configuration
The analyzer classifier can control some specific fields when generating the VCAP CLM keys. The
following table lists the registers that control the parameters.
Each port can control specific fields in the generated keys:
•
Selects source of DSCP in L3_DSCP key field
(ANA_CL:PORT:ADV_CL_CFG.USE_CL_DSCP_ENA). By default, the DSCP value is taken from
Table 75 •
Miscellaneous VCAP CLM Key Configuration
Register
Description
Replication
ANA_CL:PORT:ADV_CL_CFG Configures L3_DSCP and TCI0 source.
Per port per VCAP
CLM lookup
ANA_CL::CLM_MISC_CTRL
Configures IGR_PORT_MASK_SEL and IGR_PORT_MASK. None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com