Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 135 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 135 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 131Page - Microsemi Corporation VSC7440 Datasheet HTML 132Page - Microsemi Corporation VSC7440 Datasheet HTML 133Page - Microsemi Corporation VSC7440 Datasheet HTML 134Page - Microsemi Corporation VSC7440 Datasheet HTML 135Page - Microsemi Corporation VSC7440 Datasheet HTML 136Page - Microsemi Corporation VSC7440 Datasheet HTML 137Page - Microsemi Corporation VSC7440 Datasheet HTML 138Page - Microsemi Corporation VSC7440 Datasheet HTML 139Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
118
The following fields in the VCAP CLM action can be used to move to the next protocol layer:
•
NXT_OFFSET_FROM_TYPE.
Move frame pointer past current protocol layer (Ethernet and/or IP). The actual number of bytes the
frame pointer is moved may vary depending on content of the current protocol layer, such as the
number of VLAN tags or IPv4 options.
•
NXT_NORM_W16_OFFSET.
Move frame pointer a number of 16 bit words. If both NXT_OFFSET_FROM_TYPE and
NXT_NORM_W16_OFFSET are specified, then frame pointer is first moved based on
NXT_OFFSET_FROM_TYPE and afterwards moved further into the frame based on
NXT_NORM_W16_OFFSET.
•
NXT_TYPE_AFTER_OFFSET.
Specify protocol layer at new frame pointer position.
For more information about VCAP CLM action fields, see Table 65, page 92.
Each VCAP CLM lookup can at most move the frame pointer 66 bytes. The following pseudo code shows
the algorithm used to update frame_ptr and frame_type upon each VCPA_CLM lookup.
// ======================================================================
// ANA_CL: VCAP CLM Frame Pointer and Frame Type Update
//
// Update frame_ptr and frame_type upon VCAP CLM lookup.
// Prior to first VCAP CLM lookup frame_ptr is initialized to 0 and
// frame_type is set to ETH.
// The algorithm is run after each VCAP CLM lookup.
// ----------------------------------------------------------------------
// Function for updating
//
frame_ptr
//
frame_type
// based on action from VCAP CLM lookup
void UpdateFramePtrAndType(
// VCAP CLM index. 0=First VCAP CLM lookup,
// 5=Last VCAP CLM lookup
clm_idx,
// Action from VCAP CLM lookup
// clm_action.vld is only set if
// VCAP CLM lookup was enabled.
clm_action,
// From ClmKeyFieldsMpls()
clm_key_fields_mpls,
)
{
int frame_ptr_current
= frame_ptr;
int frame_type_current = frame_type;
if (!clm_action.vld) return;
if (clm_action.nxt_offset_from_type > 0) {
// Move frame_ptr based on frame type
switch (clm_action.nxt_offset_from_type) {
case SKIP_ETH:
if (frame_type_current == ETH) {
// Move frame_ptr past DMAC, SMAC, 0-3 VLAN tags and EtherType
SkipLinkLayer(&frame_ptr);
}
break;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com