Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 134 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 134 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 130Page - Microsemi Corporation VSC7440 Datasheet HTML 131Page - Microsemi Corporation VSC7440 Datasheet HTML 132Page - Microsemi Corporation VSC7440 Datasheet HTML 133Page - Microsemi Corporation VSC7440 Datasheet HTML 134Page - Microsemi Corporation VSC7440 Datasheet HTML 135Page - Microsemi Corporation VSC7440 Datasheet HTML 136Page - Microsemi Corporation VSC7440 Datasheet HTML 137Page - Microsemi Corporation VSC7440 Datasheet HTML 138Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
117
return clm_action.nxt_key_type;
}
// Determine key type based on port parameters and frame_ptr/frame_type
switch (frame_type) {
case ETH:
// Choose key type based on EtherType
// The EtherType() function skips any VLAN tags. A maximum of 3 VLAN
// tags can be skipped.
switch (EtherType(frame_ptr)) {
case ETYPE_IP4: // 0x0800
key_type = port_clm_cfg.ip4_clm_key_sel;
break;
case ETYPE_IP6: // 0x86DD
key_type = port_clm_cfg.ip6_clm_key_sel;
break;
case ETYPE_MPLS_UC: // 0x8847
key_type = port_clm_cfg.mpls_uc_clm_key_sel;
break;
case ETYPE_MPLS_MC: // 0x8848
key_type = port_clm_cfg.mpls_mc_clm_key_sel;
break;
}
if (key_type = 0) {
key_type = port_clm_cfg.etype_clm_key_sel;
}
break;
case CW:
switch (IPVersion(frame_ptr)) {
case 4 : key_type = port_clm_cfg.ip4_clm_key_sel;
break;
case 6 : key_type = port_clm_cfg.ip6_clm_key_sel;
break;
default: key_type = port_clm_cfg.etype_clm_key_sel; break;
}
break;
case MPLS:
key_type = port_clm_cfg.mlbs_clm_key_sel;
break;
}
return key_type;
} // ClmKeyType
// ---------------------------------------------------------------------
// ANA_CL: VCAP CLM Key Type Selection
// ======================================================================
By default, frames looped by the rewriter or frames already discarded or CPU-redirected, for instance the
basic classifier, are not subject to VCAP CLM lookups. Optionally, VCAP CLM lookups can be enforced
through configuration ANA_CL::CLM_MISC_CTRL.LBK_CLM_FORCE_ENA for looped frames and
through ANA_CL::CLM_MISC_CTRL.IGR_PORT_CLM_FORCE_ENA for frames already discarded or
CPU-redirected. When forcing a VCAP CLM lookup, the VCAP CLM key is chosen from the configuration
in ANA_CL::CLM_MISC_CTRL.FORCED_KEY_SEL. Only selected keys are available.
3.16.2.2 Frame Pointer and Frame Type Update
After each VCAP CLM lookup, the information in the associated action is used to update frame_ptr and
frame_type. This in turn influences the key type and key field values used for the next VCAP CLM
lookup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com