Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 130 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 130 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 126Page - Microsemi Corporation VSC7440 Datasheet HTML 127Page - Microsemi Corporation VSC7440 Datasheet HTML 128Page - Microsemi Corporation VSC7440 Datasheet HTML 129Page - Microsemi Corporation VSC7440 Datasheet HTML 130Page - Microsemi Corporation VSC7440 Datasheet HTML 131Page - Microsemi Corporation VSC7440 Datasheet HTML 132Page - Microsemi Corporation VSC7440 Datasheet HTML 133Page - Microsemi Corporation VSC7440 Datasheet HTML 134Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
113
The basic classified tag information can be overwritten by more intelligent decisions made in the VCAP
CLM.
3.16.1.7 Link Aggregation Code Generation
This section provides information about the functions in link aggregation code generation.
The following table lists the registers associated with aggregation code generation.
The classifier generates a link aggregation code, which is used in the analyzer when selecting to which
port in a link aggregation group a frame is forwarded.
The following contributions to the link aggregation code are configured in the AGGR_CFG register.
•
Destination MAC address—use the 48 bits of the DMAC.
•
Reversed destination MAC address—use the 48 bits of the DMAC in reverse order (bit 47 becomes
bit 0, bit 46 becomes bit 1, and so on).
•
Source MAC address—use the lower 48 bits of the SMAC.
•
IPv6 flow label—use the 20 bits of the flow label.
•
Source and destination IP addresses for IPv4 and IPv6 frames —use all bits of both the SIP and DIP.
•
TCP/UDP source and destination ports for IPv4 and IPv6 frames use the 16 bits of both the SPORT
and DPORT.
•
Random aggregation code—use a 4-bit pseudo-random number.
All contributions that are enabled are 4-bit XOR’ed, and the resulting code is used by the Layer 2
forwarding function (ANA_AC) to select 1 out of 16 link aggregation port masks. The 16 link aggregation
port masks are configured in ANA_AC:AGGR. For more information see Aggregation Group Port
Selection, page 188.
If AGGR_CFG.AGGR_USE_VSTAX_AC_ENA is enabled and the frame has a VStaX header, all other
contributions to link aggregation code calculation are ignored, and the AC field of the VStaX-header is
used directly. Otherwise, link aggregation code generation operates as previously described.
Note that AGGR_CFG.AGGR_DMAC_REVERSED_ENA and AGGR_CFG.AGGR_DMAC_ENA are
independent. If both bits are enabled, the frame’s DMAC contributes both normally and reversed in the
link aggregation code calculation.
3.16.1.8 CPU Forwarding Determination
The following table lists the registers associated with CPU forwarding in the basic classifier.
Table 71 •
Aggregation Code Generation Registers
Register
Description
Replication
ANA_CL::AGGR_CFG
Configures use of Layer 2 through Layer 4 flow information
for link aggregation code generation.
Common
Table 72 •
CPU Forwarding Registers
Register
Description
Replication
ANA_CL:PORT:CAPTURE_CFG
Enables CPU forwarding for various frame types.
Configures valid TPIDs for CPU forwarding.
Per port
ANA_CL:PORT:CAPTURE_BPDU_CFG
Enables CPU forwarding per BPDU address
Per port
ANA_CL:PORT:CAPTURE_GXRP_CFG
Enables CPU forwarding per GxRP address
Per port
ANA_CL:PORT:CAPTURE_Y1731_AG_CFG
Enables CPU forwarding per Y.1731/IEEE802.1ag
address
Per port
ANA_CL::CPU_PROTO_QU_CFG
CPU extraction queues for various frame types
None
ANA_CL::CPU_8021_QU_CFG
CPU extraction queues for BPDU, GARP, and
Y.1731/IEEE802.1ag addresses
None
ANA_CL::VRAP_CFG
VLAN configuration of VRAP filter
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com