Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 127 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 127 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 123Page - Microsemi Corporation VSC7440 Datasheet HTML 124Page - Microsemi Corporation VSC7440 Datasheet HTML 125Page - Microsemi Corporation VSC7440 Datasheet HTML 126Page - Microsemi Corporation VSC7440 Datasheet HTML 127Page - Microsemi Corporation VSC7440 Datasheet HTML 128Page - Microsemi Corporation VSC7440 Datasheet HTML 129Page - Microsemi Corporation VSC7440 Datasheet HTML 130Page - Microsemi Corporation VSC7440 Datasheet HTML 131Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
110
Figure 25 •
Basic DSCP Classification Flow Chart
Note that the DSCP translation part is common for both QoS, DP, and DSCP classification, and the
DSCP trust part is common for both QoS and DP classification.
The basic classifier has the option to overrule rewriter configuration (REW:PORT:DSCP_MAP) that
remaps the DSCP value at egress. When ANA_CL:PORT:QOS_CFG.DSCP_KEEP_ENA is set, the
rewriter is instructed not to modify the frame’s DSCP value (IFH.QOS.TRANSP_DSCP is set to 1).
The basic classified QoS, DP, and DSCP can be overwritten by more intelligent decisions made in the
VCAP CLM.
3.16.1.6 VLAN Classification
The following table lists the registers associated with VLAN classification.
Table 70 •
VLAN Configuration Registers
Register
Description
Replication
ANA_CL:PORT:VLAN_CTRL
Configures the port’s processing of VLAN information in
VLAN-tagged and priority-tagged frames. Configures the
port-based VLAN.
Per port
DSCP = 0
”Frame is IPv4 or IPv6"
DSCP_TRANSLATE_ENA[port]
Y
DSCP = Frame.DSCP
Y
DSCP =
DSCP_TRANSLATE_VAL[DSCP]
Y
DSCP_REWR_MODE_SEL[port] == ”Rewrite all” or
DSCP_REWR_MODE_SEL[port] == Rewrite DSCP=0" and DSCP == 0 or
DSCP_REWR_MODE_SEL[port] == ”Rewrite selected” and DSCP_REWR_ENA[DSCP]
DSCP = DSCP_REWR_VAL[8 x Basic classified DP level + Basic classified QOS class]
Y
Basic classified DSCP
(IFH.QOS.DSCP)
Basic classified QoS class
Basic classified DP level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com