Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 125 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 125 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 121Page - Microsemi Corporation VSC7440 Datasheet HTML 122Page - Microsemi Corporation VSC7440 Datasheet HTML 123Page - Microsemi Corporation VSC7440 Datasheet HTML 124Page - Microsemi Corporation VSC7440 Datasheet HTML 125Page - Microsemi Corporation VSC7440 Datasheet HTML 126Page - Microsemi Corporation VSC7440 Datasheet HTML 127Page - Microsemi Corporation VSC7440 Datasheet HTML 128Page - Microsemi Corporation VSC7440 Datasheet HTML 129Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
108
Figure 23 •
Basic QoS Classification Flow Chart
The following illustration shows the flow chart for basic DP classification.
QoS class = DEFAULT_QOS_VAL[port]
DSCP = 0
”Frame is IPv4 or IPv6"
DSCP_QOS_ENA[port]
DSCP_TRANSLATE_ENA[port]
DSCP = Frame.DSCP
Y
DSCP = DSCP_TRANSLATE_VAL[DSCP]
Y
DSCP_TRUST_ENA[DSCP]
QoS class = DSCP_QOS_VAL[DSCP]
Y
”Frame has inner tag” and
PCP_DEI_QOS_ENA[port] and VLAN_TAG_SEL[port]
QoS class = PCP_DEI_QOS_VAL[port][Frame.InnerDEI][Frame.InnerPCP]
Y
Basic classified QoS class (IFH.VSTAX.QOS.CL_QOS)
”Frame has outer tag” and
PCP_DEI_QOS_ENA[port]
QoS class = PCP_DEI_QOS_VAL[port][Frame.OuterDEI][Frame.OuterPCP]
Y
Y
”Frame is BPDU”
(DMAC = 0x0180C200000X)
and ”redirect to CPU”
”Frame is GARP”
(DMAC = 0x0180C200002X)
and ”redirect to CPU”
”Frame is Y.1731/IEEE802.1ag”
(DMAC = 0x0180C200003X)
and ”redirect to CPU”
QoS class = BPDU_QOS[DMAC[bits 3:0]]
QoS class = GXRP_QOS[DMAC[bits 3:0]]
QoS class = Y1731_AG_QOS[DMAC[bits 3:0]]
Y
Y
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com