Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 101 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 101 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 97Page - Microsemi Corporation VSC7440 Datasheet HTML 98Page - Microsemi Corporation VSC7440 Datasheet HTML 99Page - Microsemi Corporation VSC7440 Datasheet HTML 100Page - Microsemi Corporation VSC7440 Datasheet HTML 101Page - Microsemi Corporation VSC7440 Datasheet HTML 102Page - Microsemi Corporation VSC7440 Datasheet HTML 103Page - Microsemi Corporation VSC7440 Datasheet HTML 104Page - Microsemi Corporation VSC7440 Datasheet HTML 105Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
84
DST_ENTRY
Selects whether the frame’s destination or source information is used
for fields L2_SMAC and L3_IP4_SIP.
If set, L2_SMAC contains the frame’s destination MAC address and
L3_IP4_SIP contains the frame’s destination IP address. The setting
is controlled by ANA_CL::ADV_CL_CFG and
VCPA_CLM_action.NXT_KEY_TYPE.
1x
L2_DMAC
Destination MAC address.
48
x
L2_SMAC
Source MAC address.
Note that - optionally - L2_SMAC may contain the destination MAC
address, see DST_ENTRY.
48
x x
IP_MC
IPv4 frames: Set if frame’s destination IP address is an IPv4 multicast
address (0xE /4).
IPv6 frames: Set if frame’s destination IP address is an IPv6 multicast
address (0xFF /8).
1x x
ETYPE_LEN
Frame type flag indicating that the frame is EtherType encoded.
Set if frame has EtherType >= 0x600.
1x x
ETYPE
Overloaded field for different frame types:
LLC frames (ETYPE_LEN=0 and IP_SNAP=0):
ETYPE = [DSAP, SSAP]
SNAP frames (ETYPE_LEN=0 and IP_SNAP=1):
ETYPE = PID[4:3] from SNAP header
TCP/UDP IPv4 or IPv6 frames (ETYPE_LEN=1, IP_SNAP=1, and
TCP_UDP=1):
ETYPE = TCP/UDP destination port
Non-TCP/UDP IPv4 or IPv6 frames (ETYPE_LEN=1, IP_SNAP=1,
and TCP_UDP=0):
ETYPE = IP protocol
Other frames (ETYPE_LEN=1 and IP_SNAP=0):
ETYPE = Frame’s EtherType.
16
x x
IP_SNAP
Frame type flag indicating that the frame is either an IP frame or a
SNAP frame.
IP frames (ETYPE_LEN=1):
Set if (EtherType= 0x0800 and IP version = 4) or
(ETYPE = 0x86DD and IP version = 6)
SNAP frames (ETYPE_LEN=0):
Set if LLC header contains AA-AA-03.
1x x
IP4
Frame type flag indicating the frame is an IPv4 frame.
Set if frame is IPv4 frame (EtherType = 0x800 and IP version = 4).
1
xxx
Table 62 •
VCAP CLM X8 Key Details (continued)
Field Name
Description
Size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com