Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 269 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 269 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 265Page - Microsemi Corporation VSC7440 Datasheet HTML 266Page - Microsemi Corporation VSC7440 Datasheet HTML 267Page - Microsemi Corporation VSC7440 Datasheet HTML 268Page - Microsemi Corporation VSC7440 Datasheet HTML 269Page - Microsemi Corporation VSC7440 Datasheet HTML 270Page - Microsemi Corporation VSC7440 Datasheet HTML 271Page - Microsemi Corporation VSC7440 Datasheet HTML 272Page - Microsemi Corporation VSC7440 Datasheet HTML 273Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
252
PROTECTION_SEL Change ENCAP_ID, ESDX_BASE and OAM_MEP_IDX based on
IFH.DST.ENCAP.PROT_ACTIVE.
0: No protection. Do not use protection index values.
1: Use <index>_P if ifh.encap.prot_active = 1.
2: Use <index>_P if ifh.encap.prot_active = 0.
3: Reserved.
2
LABEL_SEL
Selects value of the MPLS pseudo wire label.
0: ES0:MPLS_LABEL.
1-3: Reserved.
4: Mapped using mapping table 0.
5: Mapped using mapping table 1.
6: Mapped using mapping table 2.
7: Mapped using mapping table 3.
3
TC_SEL
Selects TC for MPLS label.
0: Classified TC.
1: TC_VAL.
2: COSID (IFH.VSTAX.MISC.COSID).
3: Reserved.
4: Mapped using mapping table 0, otherwise use TC_VAL.
5: Mapped using mapping table 1, otherwise use mapping table 0.
6: Mapped using mapping table 2, otherwise use TC_VAL.
7: Mapped using mapping table 3, otherwise use mapping table 2.
3
SBIT_SEL
Configures SBIT-selection.
0: Classified SBIT.
1: Fixed. SBIT_VAL.
1
TTL_SEL
Configures TTL selection.
0: Classified TTL.
1: Fixed. TTL_VAL.
1
MPLS_LABEL
MPLS pseudo wire label.
20
TC_VAL
Configured TC value.
3
SBIT_VAL
Configured SBIT value
1
TTL_VAL
Configured TTL value.
8
CW_DIS
Disable control word (CW) in MPLS encapsulation.
0: MPLS_LABEL_CFG.CW_ENA controls CW.
1: CW is disabled.
1
ENCAP_ID
Index into the MPLS encapsulation table (REW::ENCAP). Setting ENCAP_ID to
zero disables pushing of MPLS encapsulation.
0: Disables the use of MPLS encapsulation.
1-127: Selects ENCAP ID.
7
ENCAP_ID_P
Index to use when enabled by PROTECTION_SEL. The encoding is equal to
ENCAP_ID.
7
Table 172 •
VCAP_ES0 Actions (continued)
Field Name
Description
Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com