Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 270 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 270 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 266Page - Microsemi Corporation VSC7440 Datasheet HTML 267Page - Microsemi Corporation VSC7440 Datasheet HTML 268Page - Microsemi Corporation VSC7440 Datasheet HTML 269Page - Microsemi Corporation VSC7440 Datasheet HTML 270Page - Microsemi Corporation VSC7440 Datasheet HTML 271Page - Microsemi Corporation VSC7440 Datasheet HTML 272Page - Microsemi Corporation VSC7440 Datasheet HTML 273Page - Microsemi Corporation VSC7440 Datasheet HTML 274Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
253
POP_CNT
If POP_CNT > 0, then ifh.dst.encap.w16_pop_cnt is overruled with POP_CNT
when popping MPLS labels. The encoding is:
0: Use ifh.dst.encap.w16_pop_cnt as word16 (2 bytes) pop count
1: Do not pop any bytes.
2: Pop 2 × 2 = 4 bytes.
…
21: Pop 2 × 21 = 42 bytes.
22-31: Reserved.
If the number of bytes popped by POP_CNT is larger than the value given by
ifh.dst.encap.w16_pop_cnt, the IFH value is always used.
5
ESDX_BASE
Egress service index. Used to index egress service counter set
(REW::CNT_CTRL.STAT_MODE).
10
ESDX_BASE _P
Egress service index to use when enabled by PROTECTION_SEL.
10
ESDX_COSID_
OFFSET
Egress counter set, offset per COSID.
Stat index = ESDX_BASE + ESDX_COSID_OFFSET[(3 x COSID + 2) : 3 x COSID]
24
MAP_0_IDX
Index 0 into mapping resource A.
Index bits 10:3. Index bits 2:0 are controlled by MAP_0_KEY.
8
MAP_1_IDX
Index 1 into mapping resource A.
Index bits 10:3. Index bits 2:0 are controlled by MAP_1_KEY.
8
MAP_2_IDX
Index 0 into mapping resource B.
Index bits 10:3. Index bits 2:0 are controlled by MAP_2_KEY.
8
MAP_3_IDX
Index 1 into mapping resource B.
Index bits 10:3. Index bits 2:0 are controlled by MAP_2_KEY.
8
MAP_0_KEY
Key used when looking up mapping table 0.
QoS mappings:
0: QoS (8 entries): IDX = IDX_A + QOS.
1: DP, QoS (32 entries): IDX = IDX_A + IFH..DP × 8 + QOS.
DSCP mappings:
2: DSCP (64 entries): IDX = IDX_A + IFH..DSCP.
3: DP, DSCP (256 entries): IDX = IDX_A + 64 × IFH..DP + IFH..DSCP.
4: DP, TOS_PRE (32 entries): IDX = IDX_A + IFH..DP × 8 + TOS_PRE.
PCP mappings:
5: PCP (8 entries): IDX = IDX_A + IFH..PCP.
6: DP, PCP (32 entries): IDX = IDX_A + IFH..DP × 8 + IFH..PCP.
7: DEI, PCP (16 entries): IDX = IDX_A + IFH..DEI × 8 + IFH..PCP.
TC mappings:
8: TC: IDX = IDX_A + IFH..TC.
9: DP, TC: IDX = IDX_A + IFH..DP × 8 + IFH..TC.
Popped customer tag mappings:
10: Popped PCP (8 entries): IDX = MAP_0_IDX + pop.PCP
11: DP, popped PCP (32 entries): IDX = MAP_0_IDX + IFH..DP × 8 + pop.PCP.
12: Popped DEI, popped PCP (16 entries): IDX = MAP_0_IDX + pop.DEI × 8 +
pop.PCP.
COSID mappings:
13: COSID (8 entries): IDX = IDX_A + IFH.VSTAX.MISC.COSID.
14: DP, COSID (32 entries): IDX = IDX_A + IFH..DP × 8 +
IFH.VSTAX.MISC.COSID.
4
MAP_1_KEY
See MAP_0_KEY.
4
MAP_2_KEY
See MAP_0_KEY.
4
MAP_3_KEY
See MAP_0_KEY.
4
Table 172 •
VCAP_ES0 Actions (continued)
Field Name
Description
Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com