Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 274 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 274 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 270Page - Microsemi Corporation VSC7440 Datasheet HTML 271Page - Microsemi Corporation VSC7440 Datasheet HTML 272Page - Microsemi Corporation VSC7440 Datasheet HTML 273Page - Microsemi Corporation VSC7440 Datasheet HTML 274Page - Microsemi Corporation VSC7440 Datasheet HTML 275Page - Microsemi Corporation VSC7440 Datasheet HTML 276Page - Microsemi Corporation VSC7440 Datasheet HTML 277Page - Microsemi Corporation VSC7440 Datasheet HTML 278Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
257
The following table lists the registers associated with the frame loopback options.
Frame forwarding is changed if allowed by the current frame pipeline point and action. For more
information, see Rewriter Pipeline Handling, page 254.
The following table shows the pipeline action when the frame forwarding is changed.
The pipeline updating rules ensures that a REDIR or DISCARD decision cannot be changed at a later
pipeline point. A COPY may be changed at a later point to either a REDIR or DISCARD action.
•
If a copy is changed to a discard, the CPU still receives the frame copy.
•
If a copy is changed to a redirection, the CPU receives a copy and the frame is looped back or also
sent to the redirection queue.
When frames are copied or redirected the IFH is updated as described in the following table.
3.26.5.3 Egress Statistics Update
The rewriter does not have Egress Service Index (ESDX) and port-based counters of its own. Instead,
the egress statistic counters in XQS:STAT are used for all frame and byte counting. For more
information, see Statistics, page 230.
The following counters are available to the rewriter as frame and octet counters.
•
Per egress port: 2 × 8 + 1 = 17 counters (color × cell bus priority + abort)
Table 176 •
Frame Loopback Options
Register
Description
Replication
ES0_CTRL.
ES0_FRM_LBK_CFG
Using ES0 it is possible to loop frames back to ANA with the
LOOP_ENA action.
If this bit is set, a frame can only be looped once by ES0.
None
Table 177 •
Pipeline Action Updates
Forwarding Selection
Pipeline Action Updates
NONE
Unchanged
COPY
Unchanged
REDIR
CPU redirection: XTR / XTR_UPMEP
Loopback frames: LBK_ASM
DISCARD
XTR / XTR_UPMEP
Table 178 •
Loopback IFH Updates
IFH Field
Updated by
FWD.SRC_PORT
COPY or REDIR. The frame source port is changed to the current destination port.
MISC.PIPELINE_PT
COPY or REDIR. The pipeline point in which the frame forwarding was updated.
MISC.PIPELINE_ACT
COPY or REDIR. The pipeline action assigned to the frame.
MISC.CPU_MASK
Any operation. A CPU copy may be generated by all forward selections.
FWD.DO_LBK
Rewriter loopback. This bit is set to indicate that the frame has been looped by the
REW. Can optionally be used to prevent multiple loops of the same frame.
FWD.UPDATE_FCS
VOP. Set by the VOP if a looped frame changed.
VSTAX.MISC.ISDX
VOP. The frame ISDX can be changed by the VOP.
VSTAX.QOS.DP
VOP. The DP level can be set to 0 by the VOP.
ENCAP.MPLS_TTL
VOP. The MPLS_TTL can be set to 1 by the VOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com