Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 278 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 278 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 274Page - Microsemi Corporation VSC7440 Datasheet HTML 275Page - Microsemi Corporation VSC7440 Datasheet HTML 276Page - Microsemi Corporation VSC7440 Datasheet HTML 277Page - Microsemi Corporation VSC7440 Datasheet HTML 278Page - Microsemi Corporation VSC7440 Datasheet HTML 279Page - Microsemi Corporation VSC7440 Datasheet HTML 280Page - Microsemi Corporation VSC7440 Datasheet HTML 281Page - Microsemi Corporation VSC7440 Datasheet HTML 282Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
261
•
Program an ES0 key
•
Set ES0 action TAG_A_PCP_SEL to 5 for selected key
•
Set ES0 action PUSH_OUTER_TAG = 1
•
Update PCP by using Table 1:
Select a base address in resource A. Base address 256 is used in this example
Set ES0 action MAP_1_IDX = 256/8 = 32
•
Use frame DSCP as key: Set ES0 action MAP_1_KEY = 2
•
Program the PCP mapping in table 1: Addr = 256 to 256 + 63 (all DSCP values)
•
Write REW:MAP_RES_A:$Addr/MAP_VAL_A PCP_VAL <New PCP>
Frame DSCP is used as key in this example. If the DSCP is not available (frame is non IP), the mapping
is considered invalid, and the PCP value is selected using this fallback method:
•
Use mapping table 1 if key is valid, otherwise use mapping table 0.
•
Use mapping table 0 if key is valid, otherwise use a fixed value.
In the example, a PCP value from table 0 is used instead for non IP frames, if the table 0 key is valid.
Otherwise, the ES0 action PCP_A_VAL is used. Mapping tables 2 and 3 have the same functionality.
Mapping tables 0 and 1 share the 2,048 addresses available in Resource A. Table 2 and 3 share 2,048
addresses in Resource B.
3.26.7
VLAN Editing
The rewriter performs five steps related to VLAN editing for each frame and destination:
1.
ES0 lookup. ES0 is looked up for each frame if enabled by the global configuration. The action from
ES0 controls the pushing of VLAN tags.
2.
VLAN popping. Zero to three VLAN tags are popped from the frame. Popping is controlled from the
ANA by IFH.TAGGING.POP_CNT and by the action ES0.POP_VAL.
3.
VLAN push decision. Decides the number of new tags to push and which tag source to use for each
tag. Tag sources are port, ES0 (tags A to C), and routing.
4.
Constructs the VLAN tags. The new VLAN tags are constructed based on the tag sources’
configuration.
5.
VLAN pushing. The new VLAN tags are pushed.
The outermost tag can optionally be controlled by port-based VLAN configuration.
Table 183 •
Port VLAN Tag Configuration Registers
Register
Description
Replication
TPID_CFG.
TPID_VAL
Configures three custom TPID values.
These must be configured identically in
ANA_CL::VLAN_STAG_CFG.STAG_ETYPE_VAL.
3
PORT_VLAN_CFG
PORT_*
Port VLAN TCI.
Port _VID is also used for untagged set.
Ports
TAG_CTRL:
TAG_CFG_OBEY_
WAS_TAGGED
Controls how port tags are added. If this bit is set, the IFH field
VSTAX.TAG.WAS_TAGGED must be 1 before a port tag is added
to a frame.
Ports
TAG_CTRL:
TAG_CFG
Controls port tagging. Four modes are supported.
Ports
TAG_CTRL:
TAG_TPID_CFG
Selects Tag Protocol Identifier (TPID) for port tagging.
Ports
TAG_CTRL:
TAG_VID_CFG
Selects VID in port tag.
Ports
TAG_CTRL:
TAG_PCP_CFG
Selects PCP fields in port tag.
Ports
TAG_CTRL:
TAG_DEI_CFG
Selects DEI fields in port tag.
Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com