Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 281 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 281 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 277Page - Microsemi Corporation VSC7440 Datasheet HTML 278Page - Microsemi Corporation VSC7440 Datasheet HTML 279Page - Microsemi Corporation VSC7440 Datasheet HTML 280Page - Microsemi Corporation VSC7440 Datasheet HTML 281Page - Microsemi Corporation VSC7440 Datasheet HTML 282Page - Microsemi Corporation VSC7440 Datasheet HTML 283Page - Microsemi Corporation VSC7440 Datasheet HTML 284Page - Microsemi Corporation VSC7440 Datasheet HTML 285Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
264
3.26.7.4 Constructing VLAN Tags
The contents of the tag header are highly programmable when pushing a VLAN tag. The following
illustration shows the VLAN tag construction.
Figure 81 •
VLAN Tag Construction
The port tags (ES0.PUSH_OUTER_TAG = [0[2]), the ES0 tags A to C, and the special tags have
individual configurations.
Port Tag: PCP
Use REW:PORT:TAG_CTRL.TAG_PCP_CFG to configure the following:
•
Use the classified PCP.
•
Use the egress port’s port VLAN (PORT_VLAN_CFG.PORT_PCP).
•
Use the QoS class directly.
•
Map DE and QoS class to a new PCP value using the per-port table PCP_MAP_DEx.
•
Map DE and COSID to a new PCP value using the per-port table PCP_MAP_DEx.
•
Map DE and classified PCP to a new PCP value using the per-port table PCP_MAP_DEx.
•
Use the COSID class directly.
Port Tag: DEI
Use REW:PORT_TAG_CTRL.TAG_DEI_CFG to configure the following:
•
Use the classified DEI.
•
Use the egress port’s port VLAN (PORT_VLAN_CFG.PORT_DEI).
•
Use mapped DP to DE level (color).
PUSH_CUSTOMER_TAG = 3
Controls port
tag
3: Push tag C if UNTAG_VID_ENA = 0 or (C-TAG.VID
! = VID_C_VAL). C-TAG.VID is controlled by TAG_C_VID_SEL.
UNTAG_VID_ENA
Controls port
tag
See PUSH_CUSTOMER_TAG = 3.
Table 184 •
ES0 VLAN Tag Actions (continued)
ES0_ACTION
TAG_CFG
Tagging Action
TPID
PCP
VID
Mapped using ES0(2)
PCP of popped tag(2)
Classified
Fixed
COSID
1. Classified using IFH 0x8100, 0x88A8,
or 3xCustom.
2. ES0 tag A to C.
3. For port tag, this is classified only.
Classified + fixed(3)
Routing (VMID)
Fixed
QoS class
Mapped DE, QoS
Mapped DE, COSID
Mapped DE, PCP
Mapped using ES0(2)
DEI of popped tag(2)
Classified
Fixed
Color (DE)
Mapped DE, QoS
Mapped DE, COSID
Mapped DE, PCP
0x8100
0x88A8
3xCustom
Classified(1)
D
E
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com