Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 284 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 284 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 280Page - Microsemi Corporation VSC7440 Datasheet HTML 281Page - Microsemi Corporation VSC7440 Datasheet HTML 282Page - Microsemi Corporation VSC7440 Datasheet HTML 283Page - Microsemi Corporation VSC7440 Datasheet HTML 284Page - Microsemi Corporation VSC7440 Datasheet HTML 285Page - Microsemi Corporation VSC7440 Datasheet HTML 286Page - Microsemi Corporation VSC7440 Datasheet HTML 287Page - Microsemi Corporation VSC7440 Datasheet HTML 288Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
267
3.26.9
VStaX Header Insertion
The rewriter controls insertion of the VStaX header. For more information about the header fields, see
VStaX Header, page 20.
The following registers are used for configuration of the rewriter specific stacking functionality.
3.26.10 Forwarding to GCPU
The OQS can redirect CPU frames on selected CPU queues to the external ports instead of sending
them to the internal CPU. This is called GCPU forwarding and is typically used if an external CPU is
connected to the VSC7440 device through an Ethernet port.
Table 186 •
Rewriter VStaX Configuration Registers
Register
Description
Replication
COMMON_CTRL.
OWN_UPSID
Configures own UPSID to be used for stacking.
None
CNT_CTRL.
VSTAX_STAT_ESDX_DIS
Configures ESDX counting for stacking ports.
If this bit is set and PORT_CTRL.VSTAX_HDR_ENA = 1, all counting
based on the ESDX value is disabled regardless of the
CNT_CTRL.STAT_MODE configuration.
None
PORT_CTRL.
VSTAX_STACK_GRP_SEL
Selects logical stacking port (or stacking port group) membership.
Ports
PORT_CTRL.
VSTAX_HDR_ENA
Enables insertion of stacking header in frame.
Ports
PORT_CTRL.
VSTAX_PAD_ENA
Enables padding of frames to 76 bytes.
Setting this bit will cause all frames on the port to be extended to 76
bytes instead of 64 bytes.
This should only optionally be enabled for stacking ports
(PORT_CTRL.VSTAX_HDR_ENA = 1). Setting this bit will prevent
frames from becoming under sized in a receiving switch, when the
VStaX header is removed. See
ASM::ERR_STICKY.FRAGMENT_STICKY.
Ports
PORT_CTRL.VSTAX2_MIRR
OR_OBEY_WAS_TAGGED
Configures tagging of frames with VSTAX.GEN.FWD_MODE =
VS2_FWD_GMIRROR. Only active on front ports for frames with this
FWD_MODE.
This is used to control the remote mirror tagging of frames that have
been mirrored from one unit in the stack to another unit.
Ports
PORT_CTRL.
VSTAX2_MISC_ISDX_ENA
Configures VSTAX MISC field decoding. Select between MISC- or AC
mode.
Ports
VSTAX_PORT_GRP_CFG.
VSTAX_TTL
Link TTL value.
2
VSTAX_PORT_GRP_CFG.
VSTAX_LRN_ALL_HP_ENA
Changes priority of learn all frames to the highest priority
(IFH.VSTAX.QOS = 7).
2
VSTAX_PORT_GRP_CFG.
VSTAX_MODE
Controls whether forwarding modes specific to VStaX AF are translated
to BF forwarding modes.
If set to 0, the following translation is performed:
fwd_logical -> fwd_llookup
fwd_mc -> fwd_llookup
If set to 1, no translation is performed.
Translation is only required for advanced forwarding switches operating
in a basic forwarding stack.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com