Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 287 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 287 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 283Page - Microsemi Corporation VSC7440 Datasheet HTML 284Page - Microsemi Corporation VSC7440 Datasheet HTML 285Page - Microsemi Corporation VSC7440 Datasheet HTML 286Page - Microsemi Corporation VSC7440 Datasheet HTML 287Page - Microsemi Corporation VSC7440 Datasheet HTML 288Page - Microsemi Corporation VSC7440 Datasheet HTML 289Page - Microsemi Corporation VSC7440 Datasheet HTML 290Page - Microsemi Corporation VSC7440 Datasheet HTML 291Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
270
The device supports mirroring frames from either Rx ports (ingress mirror) or Tx ports (egress mirror).
Frames either received on a port (Rx mirror) or frames sent to a port (Tx mirror) are copied to a mirror
destination port.
For Tx mirroring, the rewriter rewrites the frame sent to the mirror destination port, exactly as the original
frame copy is rewritten when forwarded to the mirror probe port. The mirror probe port number must be
configured in the rewriter using register MIRROR_TX_PORT.
For Rx mirroring, the rewriter makes no modifications to the frame, so an exact copy of the original frame
as received on the mirror probe port (ingress port) is sent out on the mirror destination port.
The analyzer controls both Rx and Tx mirroring. For more information, see Mirroring, page 206. The
rewriter obtains mirror information for the frame from the internal frame header.
IFH.FWD.MIRROR_PROBE indicates if the frame is a mirror copy and if so, to which of three mirror
probes the frame belongs. Encoding is as follows.
•
MIRROR_PROBE = 0: Frame is not a mirror copy
•
MIRROR_PROBE = 1: Frame is mirrored using mirror probe set 1
•
MIRROR_PROBE = 2: Frame is mirrored using mirror probe set 2
•
MIRROR_PROBE = 3: Frame is mirrored using mirror probe set 3
In addition, the IFH.FWD.RX_MIRROR bit indicates if the frame is Rx mirrored (1) or Tx mirrored (0).
When mirroring traffic to a device that is not directly attached to the VSC7440 device, it may be required
to push one or two VLAN tags to mirrored frame copies as to not violate general VLAN membership for
the mirror destination port. These VLAN tags are called “remote mirror VLAN tags” and can be
configured individually for each mirror probe. When enabled, the remote mirror VLAN tags are pushed
onto all mirrored traffic by the rewriter whether it is an Rx mirrored frame or a Tx mirrored frame. For
remote mirroring it is also possible to add MPLS capsulation using the encapsulation table if this is
required for forwarding the frame.
The REMOTE_MIRROR_ENA register configures whether to add one or two remote mirror VLAN tags or
MPLS encapsulation. The REMOTE_ENCAP_ID bit selects the MPLS encapsulation to be used.
For Tx mirroring, care must be taken if maximum frame expansion is already required by the rewriter for
the TX mirror probe port. In this case enabling remote mirror VLAN tags or encapsulation would add an
extra frame expansion, which can cause frame disruption on the mirror destination port. It is not possible
to add remote mirror encapsulation to a frame that already has encapsulation added by ES0. In this case
the remote mirror encapsulation ID will replace the ID selected by the ES0.ENCAP_ID action.
3.26.13 Internal Frame Header Insertion
The rewriter can be configured to insert the internal frame header (IFH) into the frame upon transmission.
For more information about the IFH, Frame Headers, page 13.
MIRROR_TAG_x_CFG:
TAG_x_PCP_VAL
Mirror Q-tag PCP value.
2× mirror
probes
MIRROR_TAG_x_CFG:
TAG_x_PCP_SEL
Selection of mirror Q-tag PCP values.
2× mirror
probes
MIRROR_TAG_x_CFG:
TAG_x_DEI_VAL
Mirror Q-tag DEI values.
2× mirror
probes
MIRROR_TAG_x_CFG:
TAG_x_VID_VAL
Mirror Q-tag VID values.
2× mirror
probes
MIRROR_TAG_x_CFG:
TAG_x_TPID_SEL
The tag protocol identifier (TPID) for the remote mirror VLAN tag.
2× mirror
probes
Table 190 •
Mirror Probe Configuration Registers (continued)
Register
Description
Replication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com