Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 289 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 289 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 285Page - Microsemi Corporation VSC7440 Datasheet HTML 286Page - Microsemi Corporation VSC7440 Datasheet HTML 287Page - Microsemi Corporation VSC7440 Datasheet HTML 288Page - Microsemi Corporation VSC7440 Datasheet HTML 289Page - Microsemi Corporation VSC7440 Datasheet HTML 290Page - Microsemi Corporation VSC7440 Datasheet HTML 291Page - Microsemi Corporation VSC7440 Datasheet HTML 292Page - Microsemi Corporation VSC7440 Datasheet HTML 293Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
272
•
Update frame check sequence (IFH.FWD.UPDATE_FCS):
If this injection IFH bit is set, the rewriter updates the FCS before forwarding a frame to the egress
port. By setting this bit in the Injection IFH, the internal CPU can leave it to switch core hardware to
make sure the FCS value included with the frame is correct even though no other frame
modifications are performed by the switch core.
•
Swap MACs (IFH.DST.ENCAP.SWAP_MAC):
Swap MACs in the Ethernet link layer and clear bit 40 of the new SMAC before sending the frame to
the egress port. Swapping the MACs will also force the frame FCS to be updated. Cannot be used if
IFH.FWD.DO_NOT_REW = 1.
3.27
Disassembler
This section provides information about the disassembler (DSM) block. The disassembler is mainly
responsible for disassembling cells into Taxi words and forwarding them to the port modules. In addition,
it has several other responsibilities such as:
•
MAC Control sublayer PAUSE function with generation of PAUSE frames and stop forwarding traffic
on reception of PAUSE frames
•
Aging of frames that are stopped by flow control
•
Controlling transmit data rate according to IEEE802.3ar
The following table lists replication terminology.
3.27.1
Setting Up Ports
In general, no additional configuration is required to bring up a port in the disassembler. However, the
following are some exceptions:
•
For the 10G capable ports, set DSM::BUF_CFG.CSC_STAT_DIS to 1 when the port is set up for
10 Gbps, because the collection of statistics are handled locally in the DEV10G. For lower speeds,
the port uses a DEV2G5.
•
For 10G capable ports, set DSM::DEV_TX_STOP_WM_CFG.DEV_TX_STOP_WM to 3 if the port is
set up for 2.5 Gbps or 1 Gbps, and set it to 1 for 100 Mbps and 10 Mbps.
•
For 10G capable ports, set DSM::DEV_TX_STOP_WM_CFG.DEV10G_SHADOW_ENA to 1 when
port is set up for speeds below 10 Gbps.
•
For 2.5G capable ports, the DSM::DEV_TX_STOP_WM_CFG.DEV_TX_STOP_WM must be set to
1 if the port is set up for 100 Mbps and 10 Mbps.
Ports are indexed by 0 – 10 being front ports and 11 – 12 being CPU ports.
The following table lists the registers associated with setting up basic ports.
Table 192 •
Replication Terminology
Replication Terminology Description
Replication Value
Per port
Per physical ports. For example, DEV1Gs,
DEV2G5s, DEV10Gs and CPU ports.
15
Table 193 •
Basic Port Setup Configuration Registers Overview
Target::Register.Field
Description
Replication
DSM::BUF_CFG.CSC_STAT_DIS
Disables collection of statistics in the disassembler.
Per port
DSM::DEV_TX_STOP_WM_CFG.DEV_TX
_STOP_WM
Watermark for maximum fill level of port module TX buffer. Per port
DSM::DEV_TX_STOP_WM_CFG.DEV10G
_SHADOW_ENA
Enable low speeds for 10G capable ports.
Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com