Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 290 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 290 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 286Page - Microsemi Corporation VSC7440 Datasheet HTML 287Page - Microsemi Corporation VSC7440 Datasheet HTML 288Page - Microsemi Corporation VSC7440 Datasheet HTML 289Page - Microsemi Corporation VSC7440 Datasheet HTML 290Page - Microsemi Corporation VSC7440 Datasheet HTML 291Page - Microsemi Corporation VSC7440 Datasheet HTML 292Page - Microsemi Corporation VSC7440 Datasheet HTML 293Page - Microsemi Corporation VSC7440 Datasheet HTML 294Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
273
3.27.2
Maintaining the Cell Buffer
The cell buffer is responsible for aligning and buffering the cell data received from the rewriter before the
data are forwarded on the Taxi bus.
The cell buffer can be flushed for each port separately.
The following table lists registers associated with configuring buffer maintenance.
Before a buffer is flushed, ensure that no data is forwarded to this port by stopping the QSYS forwarding
and disabling FC/PFC so that frames waiting for transmission will be sent. FC can be disabled in
DSM::RX_PAUSE_CFG.RX_PAUSE_EN.
3.27.3
Setting Up MAC Control Sublayer PAUSE Function
This section provides information about setting up the MAC control sublayer PAUSE function.
3.27.3.1 PAUSE Frame Generation
The main sources for triggering generation of PAUSE frames are the port level and buffer level
watermarks in the queue system. It is also possible to trigger PAUSE generation based on the analyzer
policing state.
For watermark-based PAUSE generation, a hysteresis is implemented. FC is indicated when the level of
used resources exceeds the high watermark and it is released when the level falls below the low
watermark. The following table lists the registers associated with configuration PAUSE frame generation.
DSM::MAC_CFG.TX_PAUSE_VAL defines the timer value for generated PAUSE frames. If the state
does not change by half of the time specified in this bit group, a new PAUSE frame is generated.
To generate a zero value pause frame when the reason for pausing has disappeared, set
DSM::MAC_CFG.TX_PAUSE_XON_XOFF to 1.
The DMAC of a generated pause frame is always the globally assigned 48-bit multicast address 01 80
C2 00 00 01.
The SMAC of a generated pause frame is defined by
DSM::MAC_ADDR_BASE_HIGH_CFG.MAC_ADDR_HIGH and
DSM::MAC_ADDR_BASE_LOW_CFG.MAC_ADDR_LOW.
Table 194 •
Buffer Maintenance Configuration Register Overview
Target::Register.Field
Description
Replication
DSM::CLR_BUF.CLR_BUF
Flush the cell buffer.
Per port
Table 195 •
PAUSE Frame Generation Configuration Registers Overview
Target::Register.Field
Description
Replication
DSM::ETH_FC_CFG.FC_ANA_ENA
Controls generation of FC based on FC request from the
analyzer.
Per port
DSM::ETH_FC_CFG.FC_QS_ENA
Controls the generation of FC based on FC request from
the queue system.
Per port
DSM::MAC_CFG.TX_PAUSE_VAL
The pause_time as defined by IEEE802.3 Annex 31B2.
Per port
DSM::MAC_CFG.TX_PAUSE_XON_XOFF
TX PAUSE zero on deassert.
Per port
DSM::MAC_ADDR_BASE_HIGH_CFG.
MAC_ADDR_HIGH
Bits 47-24 of SMAC address used in MAC_Control
frames.
Per port
DSM::MAC_ADDR_BASE_LOW_CFG.
MAC_ADDR_LOW
Bits 23-0 of SMAC address used in MAC_Control frames. Per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com