Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 294 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 294 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 290Page - Microsemi Corporation VSC7440 Datasheet HTML 291Page - Microsemi Corporation VSC7440 Datasheet HTML 292Page - Microsemi Corporation VSC7440 Datasheet HTML 293Page - Microsemi Corporation VSC7440 Datasheet HTML 294Page - Microsemi Corporation VSC7440 Datasheet HTML 295Page - Microsemi Corporation VSC7440 Datasheet HTML 296Page - Microsemi Corporation VSC7440 Datasheet HTML 297Page - Microsemi Corporation VSC7440 Datasheet HTML 298Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
277
U = R / (R + 2S × 256)
3.27.6.3 Setting Up Frame Rate
The following table lists the frame rate configuration registers.
To define a minimum frame spacing, set
DSM::TX_RATE_LIMIT_MODE.TX_RATE_LIMIT_FRAME_RATE_ENA to 1.
At start of payload, a counter is loaded with the value stored in
DSM::TX_FRAME_RATE_START_CFG.TX_FRAME_RATE_START.
What is counted as payload is defined by DSM::TX_RATE_LIMIT_MODE.PAYLOAD_PREAM_CFG and
DSM::TX_RATE_LIMIT_MODE.PAYLOAD_CFG.
With every payload byte transmitted, the counter is decremented by 1.
At end of frame, the GAP will be extended by the counter value, if above 12.
3.27.7
Error Detection
The following table lists the error detection status registers.
If one or both of BUF_OFLW_STICKY and BUF_UFLW_STICKY sticky bits are set, the port module was
set up erroneously.
TX_RATE_LIMIT_STICKY is set when an IPG of a frame is increased due to one of the three rate limiting
modes.
3.28
Layer 1 Timing
There are eight recovered clocks, four outputs that provide timing sources for external timing circuitry in
redundant timing implementations, and four internal clocks for the timing-recovery circuit. The following
tables list the registers and pins associated with Layer 1 timing.
Table 204 •
Rate Limiting Frame Rate Registers Overview
Target::Register.Field
Description
Replication
DSM::TX_RATE_LIMIT_MODE.
TX_RATE_LIMIT_FRAME_RATE_ENA
Enables txRateLimitFrameRate mode.
Per port
DSM::TX_FRAME_RATE_START_CFG.
TX_FRAME_RATE_START
Frame rate start.
Per port
Table 205 •
Error Detection Status Registers Overview
Target::Register.Field
Description
Replication
DSM::BUF_OFLW_STICKY.BUF_OFLW_STICKY Cell buffer had an overflow.
Per port
DSM::BUF_UFLW_STICKY.BUF_UFLW_STICKY Cell buffer had an underrun.
Per port
DSM::TX_RATE_LIMIT_STICKY.TX_
RATE_LIMIT_STICKY
IPG was increased by one of the three rate limiting
modes.
Per port.
Table 206 •
Layer 1 Timing Configuration Registers
Register
Description
HSIO::SYNC_ETH_CFG
Configures recovered clocks. Replicated per recovered clock.
HSIO::SYNC_ETH_PLL_CFG
Additional PLL recovered clock configuration. Replicated per
recovered clock.
HSIO::SYNC_ETH_SD10G_CFG
Additional 10G recovered clock configurations. Replicated per 10G
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com