Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 297 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 297 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 293Page - Microsemi Corporation VSC7440 Datasheet HTML 294Page - Microsemi Corporation VSC7440 Datasheet HTML 295Page - Microsemi Corporation VSC7440 Datasheet HTML 296Page - Microsemi Corporation VSC7440 Datasheet HTML 297Page - Microsemi Corporation VSC7440 Datasheet HTML 298Page - Microsemi Corporation VSC7440 Datasheet HTML 299Page - Microsemi Corporation VSC7440 Datasheet HTML 300Page - Microsemi Corporation VSC7440 Datasheet HTML 301Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 297 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
280
clock cycle by half a clock-period. While this introduces jitter, it makes the frequency compatible with the
other recovered clocks. Configure as described in the following table.
The frequency of the PLLs can be used as recovered clock. The following table shows the configurations.
The recovered clock from PLLs can also be sent directly out on the differential high-speed CLKOUTPLL
and CLKOUTPLL2 outputs. The recovered clock frequency must be set to copy the switch core using
HSIO::PLL5G_CFG3.CLKOUT2_SEL.
It is possible to automatically squelch the clock output when the device detects a loss of signal on an
incoming data stream. This can be used for failover in external timing recovery solutions.
Table 210 •
Recovered Clock Settings for SFI
Port
Output Frequency
Register Settings for Output n
9-10
~161 MHz
(10.3125 GHz/64)
Only for internal clocks (n = 4, 5, 6, or 7).
SYNC_ETH_CFG[n].RCVRD_CLK_ENA=1,
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_DIV=0,
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_SRC=(DEV+6), and
SYNC_ETH_SD10G_CFG[DEV-7].SD10G_RCVRD_CLK_DIV=1.
9-10
156.25 MHz
Only for internal clocks (n = 4, 5, 6, or 7).
SYNC_ETH_CFG[n].RCVRD_CLK_ENA=1,
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_DIV=0,
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_SRC=(DEV+6), and
SYNC_ETH_SD10G_CFG[DEV-7].SD10G_RCVRD_CLK_DIV=2.
Synthesized by extending every 16th clock cycle by 1/2 period.
9-10
~32 MHz
(10.3125 GHz/320)
SYNC_ETH_CFG[n].RCVRD_CLK_ENA=1,
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_DIV=4,
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_SRC=(DEV+6), and
SYNC_ETH_SD10G_CFG[DEV-7].SD10G_RCVRD_CLK_DIV=1.
9-10
31.25 MHz
SYNC_ETH_CFG[n].RCVRD_CLK_ENA=1,
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_DIV=4,
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_SRC=(DEV+6), and
SYNC_ETH_SD10G_CFG[DEV-7].SD10G_RCVRD_CLK_DIV=2
Synthesized by extending (approximately) every third clock cycle by
1/10th period.
Table 211 •
Recovered Clock Settings for PLL
PLL
Output Frequency
Register Settings for Output n
PLL
125 MHz
Only for internal clocks (n = 4, 5, 6, or 7).
SYNC_ETH_CFG[n].RCVRD_CLK_ENA=1,
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_DIV=6, and
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_SRC=12
PLL
31.25 MHz
SYNC_ETH_CFG[n].RCVRD_CLK_ENA=1,
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_DIV=1, and
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_SRC=12
PLL2
125 MHz
Only for internal clocks (n = 4, 5, 6, or 7).
SYNC_ETH_CFG[n].RCVRD_CLK_ENA=1,
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_DIV=6, and
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_SRC=21
PLL2
31.25 MHz
SYNC_ETH_CFG[n].RCVRD_CLK_ENA=1,
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_DIV=1, and
SYNC_ETH_CFG[n].SEL_RCVRD_CLK_SRC=21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com