Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 300 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 300 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 296Page - Microsemi Corporation VSC7440 Datasheet HTML 297Page - Microsemi Corporation VSC7440 Datasheet HTML 298Page - Microsemi Corporation VSC7440 Datasheet HTML 299Page - Microsemi Corporation VSC7440 Datasheet HTML 300Page - Microsemi Corporation VSC7440 Datasheet HTML 301Page - Microsemi Corporation VSC7440 Datasheet HTML 302Page - Microsemi Corporation VSC7440 Datasheet HTML 303Page - Microsemi Corporation VSC7440 Datasheet HTML 304Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
283
ingress time is the time at which the first bit of the DMAC is received on the SERDES interface so a pre-
configured delay is used to adjust for this in the time stamp calculations. The subtraction of the delay is
done by the port modules. Delays due to barrel shifting are adjusted by a manual process, where the
barrel shifter state must be read out and used when configuring the port’s I/O delays. For more
information, see Configuring I/O Delays, page 289.
Similarly, in the egress direction, a delay is added to the time stamps in order to move the time stamping
point to when the first bit of the DMAC leaves the SerDes. This added delay takes place in the port
modules.
The analyzer recognizes the PTP frames through VCAP IS2 matching and decides which operation to
perform (one-step, two-step, or time-of-day-write) and which delays to add to the correction field (CF) to
adjust for instance for asymmetrical path delays.
The rewriter modifies the PTP frame and can instruct the egress port module to add a delay to the
correction field corresponding to the delay from the rewriting point to the transmission point. Otherwise, it
can insert the original time stamp and the egress time stamp in a time stamp FIFO, which can be read by
the CPU. The rewriter operation depends on the analyzer decisions and the PTP modes of the frame’s
ingress and egress ports.
The following table lists the PTP configuration available to the rewriter.
3.29.1
One-Step Functions
The mode of a port determines how timing information is exchanged between the port and its link partner.
Only the rewriter uses this information for executing the correct calculations and for deciding the right
delta command to be executed in the egress port module. When the analyzer has decided to do a one-
step timing update of a frame, the rewriter updates the correction field to the time at which it passes
through the rewriter, and it will afterwards either prepare the PDU with timing information for the link
partner, or it will ask the port module to add the time delay to the serial transmission onto the correction
field. The following sections describe the PTP port modes used by the rewriter when doing one-step
updates.
3.29.1.1 Front
Front ports are ports on the boundary of the local PTP system. Frames received must have their timing
information updated to the time at which they left the link partner, and frames transmitted will likewise be
updated to the time of transmission.
3.29.1.2 RSRV32
In a multichip system, the RSRV32 mode can be used for interconnect links. The ingress unit must
update the CF field with the residence time from ingress link to any point in the ingress unit, and in the
RSRV field of the PDU set the value of NSX32 at the time of CF update. As the egress unit in a multichip
system has synchronized NSX32 (common clock by some means), it will be able to update the CF field
with time passed from the ingress rewriter to the time of system departure.
Table 214 •
Rewriter PTP Configuration
Field
Description
MR
Mode of ingress port
MT
Mode of egress port
IDLY(2)
Two ingress delays optionally added to CF. Looked up for the ingress port. Format is 32 bits
signed.
EDLY
One egress delay optionally added to CF. Looked up for the egress port. Only one delay is
added per transfer. Format is 32 bits signed.
UDP_CSUM_DIS(4/6)
Can disable updating the UDP checksums in IPv4 and IPv6 frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com