Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7440 Datasheet(PDF) 304 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 304 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 300Page - Microsemi Corporation VSC7440 Datasheet HTML 301Page - Microsemi Corporation VSC7440 Datasheet HTML 302Page - Microsemi Corporation VSC7440 Datasheet HTML 303Page - Microsemi Corporation VSC7440 Datasheet HTML 304Page - Microsemi Corporation VSC7440 Datasheet HTML 305Page - Microsemi Corporation VSC7440 Datasheet HTML 306Page - Microsemi Corporation VSC7440 Datasheet HTML 307Page - Microsemi Corporation VSC7440 Datasheet HTML 308Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
287
configurable high and low periods set in nanoseconds using the TimeOfDay watches or it can generate a
pulse at a configured time with a configurable duration and polarity.
In addition, the load operation can load a delta to the current time. This is done by executing a LOAD
action but using the DELTA command.
Each operation generates an interrupt when executed. For the clock action, the interrupt is generated
when the output switches to the active level. The interrupts from each controller can be masked and
monitored by the interrupt controller in the ICPU_CFG register target.
The five controllers are completely equal in their capabilities. For concatenated distributed TC
applications, two of the controllers are set up in STORE/sync mode, where incoming edges on the pin
make the Time of day be stored in the controller registers.
3.29.7
Multiple PTP Time Domains
For communicating with link partners running in another TOD domain, the device includes three PTP
time domains. Each port belongs to one domain only, and by default, all ports belong to time domain 0.
Other time domains are accessed by configuring the time domain in the port modules, the analyzer, the
rewriter, and the Loadstore controllers.
3.29.8
Register Interface to 1588 Functions
The following table lists the blocks and register configurations associated with IEEE 1588 functionality.
Table 216 •
LoadStore Controller
Pin Control Field
Function
Action
Load: Load TOD_SEC and TOD_NSEC through the absTime bus
Delta: Add configured nsec to the current time of day (absT).
Store: Store the current TOD_SEC,TOD_NSEC,TOD_NSF.
Clock: Generate a clock or a pulse on the pin.
Sync
Execute the load/store on incoming edge, if action is LOAD or STORE.
Generate a pulse instead of clock if action is CLOCK.
Inverse polarity
Falling edges are detected/generated.
TOD_sec
The 48-bit seconds of a time of day set to be loaded or stored.
TOD_nsec
The 30-bit nanoseconds of a time of day set to be loaded or stored.
TOD_NSF
The 32-bit free running timer to be stored (no load of that one)
Waveform high
Number of nanoseconds in the high period for generated clocks.
Duration of pulse for generated pulse.
Waveform_low
Number of nanoseconds in the low period for generated clocks.
Delay from TOD_ns = 0 for generated pulse.
Table 217 •
IEEE 1588 Configuration Registers Overview
Block
Configurations
Analyzer
PTP actions in VCAP IS2.
Rewriter
Path and asymmetry delays
Enabling use of preamble
Setting PTP port mode/options
Accessing time stamp FIFO
Port modules
Enable rewriting. Read barrel shifter states for accuracy.
I/O delays.
Per port SMAC for address replacing.
CPU device
Controlling TOD generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com